Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE030 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 7Page - Texas Instruments AFE030 Datasheet HTML 8Page - Texas Instruments AFE030 Datasheet HTML 9Page - Texas Instruments AFE030 Datasheet HTML 10Page - Texas Instruments AFE030 Datasheet HTML 11Page - Texas Instruments AFE030 Datasheet HTML 12Page - Texas Instruments AFE030 Datasheet HTML 13Page - Texas Instruments AFE030 Datasheet HTML 14Page - Texas Instruments AFE030 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS: Internal Bias Generator
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
AFE030
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REF1 (Pin 19)
Bias voltage
PA_VS/2
V
RI
Input resistance
4
k
Ω
Noise-reducing capacitor = 1 nF
Turn-on time
20
ms
from pin 19 to ground
Noise-reducing capacitor = 1 nF
Turn-off time
20
ms
from pin 19 to ground
REF2 (Pin 28)
Bias voltage
VAVDD/2
V
RI
Input resistance
4
k
Ω
Noise-reducing capacitor = 1
μF
Turn-on time
20
ms
from pin 28 to ground
Noise-reducing capacitor = 1
μF
Turn-off time
20
ms
from pin 28 to ground
ELECTRICAL CHARACTERISTICS: Power Supply
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
AFE030
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING SUPPLY RANGE
PA_VS
Power amplifier supply voltage
+7
+24
V
DVDD
Digital supply voltage
+3.0
+3.6
V
AVDD
Analog supply voltage
+3.0
+3.6
V
QUIESCENT CURRENT SD pin low
IO = 0, PA = On
(1)
40
55
mA
IQPA_VS
Power amplifier current
IO = 0, PA = Off
(2)
10
μA
Tx configuration(3)
1.2
mA
IQDVDD
Digital supply current
Rx configuration(4)
5
μA
All blocks disabled(5)
5
μA
Tx configuration(3)
2.8
3.7
mA
IQAVDD
Analog supply current
Rx configuration(4)
3.6
5.3
mA
All blocks disabled(5)
30
μA
SHUTDOWN (SD)
PA_VS
Power amplifier supply voltage
SD pin high
75
150
μA
DVDD
Digital supply voltage
SD pin high
5
10
μA
AVDD
Analog supply voltage
SD pin high
15
40
μA
TEMPERATURE
Specified range
–40
+125
°C
(1)
Enable1 Register = 00100011, Enable2 Register = 00001110.
(2)
Enable1 Register = 00000100, Enable2 Register = 00000110.
(3)
In the Tx configuration, the following blocks are enabled: DAC, Tx, PA, REF1, and REF2. All other blocks are disabled. Enable1
Register = 00100011, Enable2 Register = 00001110.
(4)
In the Rx configuration, the following blocks are enabled: Rx, REF1, and REF2. All other blocks are disabled. Enable1 Register =
00000100, Enable2 Register = 00000110.
(5)
Enable1 Register = 00000000, Enable2 Register = 00000000.
Copyright
© 2011, Texas Instruments Incorporated
11
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com