Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE030 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 35Page - Texas Instruments AFE030 Datasheet HTML 36Page - Texas Instruments AFE030 Datasheet HTML 37Page - Texas Instruments AFE030 Datasheet HTML 38Page - Texas Instruments AFE030 Datasheet HTML 39Page - Texas Instruments AFE030 Datasheet HTML 40Page - Texas Instruments AFE030 Datasheet HTML 41Page - Texas Instruments AFE030 Datasheet HTML 42Page - Texas Instruments AFE030 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
Table 14. RESET Register: Address 09h
Default: 00h
Reset Register
<7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
--
0
0
--
Reserved
--
1
0
--
Reserved
SOFTRST0,
These bits are used to perform a software reset of the ENABLE1,
SOFTRST1,
2, 3, 4
0, 0, 0
W
ENABLE2, CONTROL2, CONTROL3, and GAIN SELECT
SOFTRST2
registers. Writing '101' to these registers performs a software reset.
This bit is used to indicate the status of a PA thermal overload.
0 = On read, indicates that no thermal overload has occurred since
the last reset.
T_FLAG
5
0
R/W
0 = On write, resets this bit.
1 = On read, indicates that a thermal overload has occurred since
the last reset. Remains latched until reset.
This bit is used to indicate the status of a PA output current
overload.
0 = On read indicates that no current overload has occurred since
I_FLAG
6
0
R/W
the last reset.
0 = On write, resets this bit.
1 = On read indicates that a current overload has occurred since
the last reset. Remains latched until reset.
—
7
0
—
Reserved
Table 15. DieID Register: Address 0Ah
Default: 01h
DieID Register
<7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
DIE ID
<0>
0
1
R
The DieID Register is hard-wired.
DIE ID
<1>
1
0
R
The DieID Register is hard-wired.
DIE ID
<2>
2
0
R
The DieID Register is hard-wired.
DIE ID
<3>
3
0
R
The DieID Register is hard-wired.
DIE ID
<4>
4
0
R
The DieID Register is hard-wired.
DIE ID
<5>
5
0
R
The DieID Register is hard-wired.
DIE ID
<6>
6
0
R
The DieID Register is hard-wired.
DIE ID
<7>
7
0
R
The DieID Register is hard-wired.
Table 16. Revision Register: Address 0Bh
Default: 02h
Revision Register
<7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
REVISION ID
<0>
0
0
R
The Revision Register is hard-wired.
REVISION ID
<1>
1
1
R
The Revision Register is hard-wired.
REVISION ID
<2>
2
0
R
The Revision Register is hard-wired.
REVISION ID
<3>
3
0
R
The Revision Register is hard-wired.
REVISION ID
<4>
4
0
R
The Revision Register is hard-wired.
REVISION ID
<5>
5
0
R
The Revision Register is hard-wired.
REVISION ID
<6>
6
0
R
The Revision Register is hard-wired.
REVISION ID
<7>
7
0
R
The Revision Register is hard-wired.
Copyright
© 2011, Texas Instruments Incorporated
39
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com