Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE030 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 45Page - Texas Instruments AFE030 Datasheet HTML 46Page - Texas Instruments AFE030 Datasheet HTML 47Page - Texas Instruments AFE030 Datasheet HTML 48Page - Texas Instruments AFE030 Datasheet HTML 49Page - Texas Instruments AFE030 Datasheet HTML 50Page - Texas Instruments AFE030 Datasheet HTML 51Page - Texas Instruments AFE030 Datasheet HTML 52Page - Texas Instruments AFE030 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
1
2
3
4
5
6
7
8
Number of Layers
36
34
32
30
28
26
24
22
20
THERMAL RESISTANCE vs NUMBER OF PCB LAYERS
PCB Area = 3 in , 2 oz Cu
(Results are from thermal
simulations)
2
28
26
24
22
20
18
16
14
12
10
2
4
6
8
10
12
14
PCB Area (in )
2
THERMAL RESISTANCE vs BOARD AREA
Four-Layer PCB, 2 oz Cu
(Results are from thermal
simulations)
35
33
31
29
27
25
23
21
19
17
15
0.5
1
1.5
2
2.5
Cu Thickness (oz)
Four-Layer PCB, PCB
Area = 4.32 in , 2 oz Cu
(Results are from thermal
simulations)
2
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
Increasing the number of layers in the PCB, using thicker copper, and increasing the PCB area are all factors
that improve the spread of heat. Figure 55 through Figure 57, respectively, show thermal resistance performance
as a function of each of these factors.
Figure 55. Thermal Resistance as a Function of the Number of Layers in the PCB
Figure 56. Thermal Resistance as a Function of PCB Area
Figure 57. Thermal Resistance as a Function of Copper Thickness
Copyright
© 2011, Texas Instruments Incorporated
49
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com