Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4270/ Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4270/
Description  8-Port PoE/PoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4270/ Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4270/ Datasheet HTML 12Page - Linear Technology LTC4270/ Datasheet HTML 13Page - Linear Technology LTC4270/ Datasheet HTML 14Page - Linear Technology LTC4270/ Datasheet HTML 15Page - Linear Technology LTC4270/ Datasheet HTML 16Page - Linear Technology LTC4270/ Datasheet HTML 17Page - Linear Technology LTC4270/ Datasheet HTML 18Page - Linear Technology LTC4270/ Datasheet HTML 19Page - Linear Technology LTC4270/ Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC4290/LTC4271
16
429071f
OVERVIEW
Power over Ethernet, or PoE, is a standard protocol for
sending DC power over copper Ethernet data wiring. The
IEEE group that administers the 802.3 Ethernet data stan-
dardsaddedPoEpoweringcapabilityin2003.Thisoriginal
PoE spec, known as 802.3af, allowed for 48V DC power at
up to 13W. This initial specification was widely popular, but
13W was not adequate for some requirements. In 2009,
the IEEE released a new standard, known as 802.3at or
PoE+, increasing the voltage and current requirements to
provide 25W of power.
The IEEE standard also defines PoE terminology. A device
that provides power to the network is known as a PSE, or
powersourcingequipment,whileadevicethatdrawspower
from the network is known as a PD, or powered device.
PSEs come in two types: Endpoints (typically network
switches or routers), which provide data and power; and
Midspans, which provide power but pass through data.
MidspansaretypicallyusedtoaddPoEcapabilitytoexisting
non-PoE networks. PDs are typically IP phones, wireless
access points, security cameras, and similar devices.
APPLICATIONS INFORMATION
LTC4290/LTC4271 Product Overview
The LTC4290/LTC4271 is a fourth generation 8-port PSE
controller that implements eight PSE ports in either an
endpointormidspandesign.Virtuallyallnecessarycircuitry
is included to implement an IEEE 802.3at compliant PSE
design,requiringonlyanexternalpowerMOSFETandsense
resistorperchannel;theseminimizepowerlosscompared
toalternativedesignswithonboardMOSFETsandincrease
system reliability in the event a single channel fails.
The LTC4290/LTC4271 offers advanced fourth generation
PSE features, including per-port current monitoring, VEE
monitoring, port current policing, one second current
averaging and four general purpose input/output pins.
The LTC4290/LTC4271 chipset implements a proprietary
isolation scheme for inter-chip communication. This
architecture dramatically reduces BOM cost by replacing
expensive opto-isolators and isolated power supplies with
a single low-cost transformer.
LTC4290/LTC4271 is a fully IEEE-compliant Type 2 PSE
supporting autonomous detection, classification and
powering of Type 1 and Type 2 PDs.
Figure 10. Power over Ethernet System Diagram
429071 F10
S1B
S1B
SMAJ58A
0.22µF
100V
X7R
1µF
100V
X7R
Tx
Rx
Rx
Tx
SMAJ58A
58V
DATA PAIR
DATA PAIR
VEE SENSE GATE OUT
VDD33
INT
SCL
SDAIN
SDAOUT
0.25
SPARE PAIR
SPARE PAIR
1/8
LTC4290/
LTC4271
DGND
AGND
I2C
3.3V
INTERRUPT
–48V
CAT 5
20 MAX
ROUNDTRIP
0.05µF MAX
RJ45
4
5
4
5
1
2
1
2
3
6
3
6
7
8
7
8
RJ45
1N4002
×4
1N4002
×4
PSE
PD
RCLASS
–48VIN
PWRGD
–48VOUT
LTC4265
GND
DC/DC
CONVERTER
5µF ≤ CIN
≤ 300µF
+
–
VOUT
GND
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com