Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4270/ Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4270/
Description  8-Port PoE/PoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4270/ Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4270/ Datasheet HTML 15Page - Linear Technology LTC4270/ Datasheet HTML 16Page - Linear Technology LTC4270/ Datasheet HTML 17Page - Linear Technology LTC4270/ Datasheet HTML 18Page - Linear Technology LTC4270/ Datasheet HTML 19Page - Linear Technology LTC4270/ Datasheet HTML 20Page - Linear Technology LTC4270/ Datasheet HTML 21Page - Linear Technology LTC4270/ Datasheet HTML 22Page - Linear Technology LTC4270/ Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTC4290/LTC4271
19
429071f
DETECTION
Detection Overview
Toavoiddamagingnetworkdevicesthatwerenotdesigned
to tolerate DC voltage, a PSE must determine whether the
connected device is a real PD before applying power. The
IEEEspecificationrequiresthatavalidPDhaveacommon-
mode resistance of 25k ±5% at any port voltage below 10V.
The PSE must accept resistances that fall between 19k and
26.5k, and it must reject resistances above 33k or below
15k (shaded regions in Figure 11). The PSE may choose to
acceptorrejectresistancesintheundefinedareasbetween
the must-accept and must-reject ranges. In particular, the
PSE must reject standard computer network ports, many
of which have 150Ω common-mode termination resistors
that will be damaged if power is applied to them (the black
region at the left of Figure 11).
APPLICATIONS INFORMATION
Figure 11. IEEE 802.3af Signature Resistance Ranges
ing currents are measured and subtracted. Both methods
must report valid resistances for the port to report a valid
detection. PD signature resistances between 17k and 29k
(typically) are detected as valid and reported as Detect
Good in the corresponding Port Status register. Values
outside this range, including open and short circuits, are
also reported. If the port measures less than 1V at the
first forced-current test, the detection cycle will abort and
Short Circuit will be reported. Table 3 shows the possible
detection results.
Table 3. Detection Status
MEASURED PD SIGNATURE
DETECTION RESULT
Incomplete or Not Yet Tested
Detect Status Unknown
< 2.4k
Short Circuit
Capacitance > 2.7µF
CPD too High
2.4k < RPD < 17k
RSIG too Low
17k < RPD < 29k
Detect Good
> 29k
RSIG too High
> 50k
Open Circuit
Voltage > 10V
Port Voltage Outside Detect Range
RESISTANCE
PD
PSE
0
10k
15k
429071 F11
19k
26.5k
26.25k
23.75k
150 (NIC)
20k
30k
33k
4-Point Detection
The LTC4290/LTC4271 uses a 4-point detection method to
discover PDs. False-positive detections are minimized by
checkingforsignatureresistancewithbothforced-current
and forced-voltage measurements.
Initially, two test currents are forced onto the port (via the
OUTn pin) and the resulting voltages are measured. The
detectioncircuitrysubtractsthetwoV-Ipointstodetermine
the resistive slope while removing offset caused by series
diodes or leakage at the port (see Figure 12). If the forced-
current detection yields a valid signature resistance, two
test voltages are then forced onto the port and the result-
Figure 12. PD Detection
FIRST
DETECTION
POINT
SECOND
DETECTION
POINT
VALID PD
25k SLOPE
275
165
0V-2V
OFFSET
VOLTAGE
429071 F12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com