Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4270/ Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4270/
Description  8-Port PoE/PoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4270/ Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4270/ Datasheet HTML 13Page - Linear Technology LTC4270/ Datasheet HTML 14Page - Linear Technology LTC4270/ Datasheet HTML 15Page - Linear Technology LTC4270/ Datasheet HTML 16Page - Linear Technology LTC4270/ Datasheet HTML 17Page - Linear Technology LTC4270/ Datasheet HTML 18Page - Linear Technology LTC4270/ Datasheet HTML 19Page - Linear Technology LTC4270/ Datasheet HTML 20Page - Linear Technology LTC4270/ Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC4290/LTC4271
17
429071f
PoE BASICS
Common Ethernet data connections consist of two or four
twisted pairs of copper wire (commonly known as CAT-5
cable), transformer-coupled at each end to avoid ground
loops. PoE systems take advantage of this coupling ar-
rangement by applying voltage between the center-taps
of the data transformers to transmit power from the PSE
to the PD without affecting data transmission. Figure 10
shows a high level PoE system schematic.
To avoid damaging legacy data equipment that does not
expect to see DC voltage, the PoE spec defines a protocol
that determines when the PSE may apply and remove
power. Valid PDs are required to have a specific 25k com-
mon mode resistance at their input. When such a PD is
connected to the cable, the PSE detects this signature
resistance and turns on the power. When the PD is later
disconnected, the PSE senses the open circuit and turns
power off. The PSE also turns off power in the event of a
current fault or short circuit.
When a PD is detected, the PSE optionally looks for a
classification signature that tells the PSE the maximum
power the PD will draw. The PSE can use this information
toallocatepoweramongseveralports,topolicethecurrent
consumptionofthePD,ortorejectaPDthatwilldrawmore
power than the PSE has available. The classification step
is optional; if a PSE chooses not to classify a PD, it must
assume that the PD is a 13W (full 802.3af power) device.
New in 802.3at
Thenewer802.3atstandardsupersedes802.3afandbrings
several new features:
• A PD may draw as much as 25.5W. Such PDs (and the
PSEs that support them) are known as Type 2. Older
13W 802.3af equipment is classified as Type 1. Type 1
PDs will work with all PSEs; Type 2 PDs may require
Type 2 PSEs to work properly. The LTC4290/LTC4271
APPLICATIONS INFORMATION
is designed to work in both Type 1 and Type 2 PSE de-
signs, and also supports non-standard configurations
at higher power levels.
• The Classification protocol is expanded to allow Type 2
PSEs to detect Type 2 PDs, and to allow Type 2 PDs to
determine if they are connected to a Type 2 PSE. Two
versions of the new Classification protocol are avail-
able: an expanded version of the 802.3af Class Pulse
protocol, and an alternate method integrated with the
existing LLDP protocol (using the Ethernet data path).
The LTC4290/LTC4271 fully supports the new Class
Pulse protocol and is also compatible with the LLDP
protocol(whichisimplementedinthedatacommunica-
tions layer, not in the PoE circuitry).
• Fault protection current levels and timing are adjusted
to reduce peak power in the MOSFET during a fault; this
allows the new 25.5W power levels to be reached using
the same MOSFETs as older 13W designs.
BACKWARD COMPATIBILITY
The LTC4290/LTC4271 chipset is designed to be backward
compatible with the LTC4266, operating in Type 2 mode,
without software changes; only minor layout changes
are required to implement a fully compliant IEEE 802.3at
design.
Some LTC4266 registers have been obsoleted in the
LTC4290/LTC4271chipset.Theobsoletedregistersarenot
required for 802.3at compliant PSE operation. For more
details about software differences between the LTC4266
and LTC4290/LTC4271, refer to the LTC4271 Software
Programming document.
Operation with high power mode disabled is obsoleted in
the LTC4290/LTC4271 chipset. All operations previously
available in low power mode are fully implemented as a
subset of the high power mode capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com