Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4270/ Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4270/
Description  8-Port PoE/PoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4270/ Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4270/ Datasheet HTML 22Page - Linear Technology LTC4270/ Datasheet HTML 23Page - Linear Technology LTC4270/ Datasheet HTML 24Page - Linear Technology LTC4270/ Datasheet HTML 25Page - Linear Technology LTC4270/ Datasheet HTML 26Page - Linear Technology LTC4270/ Datasheet HTML 27Page - Linear Technology LTC4270/ Datasheet HTML 28Page - Linear Technology LTC4270/ Datasheet HTML 29Page - Linear Technology LTC4270/ Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC4290/LTC4271
26
429071f
APPLICATIONS INFORMATION
For simple devices such as small PoE switches, the isola-
tion requirement can be met by using an isolated main
power supply for the entire device. This strategy can be
used if the device has no electrically conducting ports
other than twisted-pair Ethernet. In this case, the SDAIN
and SDAOUT pins can be tied together and will act as a
standard I2C/SMBus SDA pin.
If the device is part of a larger system, contains additional
external non-Ethernet ports, or must be referenced to
protective ground for some other reason, the Power over
Ethernet subsystem must be electrically isolated from the
rest of the system.
The LTC4290/LTC4271 chipset simplifies PSE isolation by
allowing the LTC4271 chip to reside on the non-isolated
side. There it can receive power from the main logic sup-
ply and connect directly to the I2C/SMBus bus. Isolation
between the LTC4271 and LTC4290 is implemented using
aproprietarytransformer-basedcommunicationprotocol.
Additional details are provided in the Serial Bus Isolation
section of this data sheet.
EXTERNAL COMPONENT SELECTION
Power Supplies and Bypassing
The LTC4290/LTC4271 requires two supply voltages to
operate. VDD requires 3.3V (nominally) relative to DGND.
VEE requires a negative voltage of between –45V and
–57V for Type 1 PSEs or –51V to –57V for Type 2 PSEs,
relative to AGND.
Digital Power Supply
VDD provides digital power for the LTC4271 processor,
and draws a maximum of 15mA. A ceramic decoupling
cap of at least 0.1μF should be placed from VDD to DGND,
as close as practical to each LTC4271 chip. A 1.8V core
voltage supply is generated internally and requires a 1µF
ceramic decoupling cap between the CAP1 pin and DGND.
In the LTC4290/LTC4271, VDD should be delivered by the
host controller’s non-isolated 3.3V supply. To maintain
required isolation AGND and DGND must not be con-
nected in any way.
Main PoE Power Supply
VEE is the main isolated PoE supply that provides power
to the PDs. Because it supplies a relatively large amount
of power and is subject to significant current transients,
it requires more design care than a simple logic supply.
For minimum IR loss and best system efficiency, set VEE
near maximum amplitude (57V), leaving enough margin
to account for transient over or undershoot, temperature
drift, and the line regulation specifications of the particular
power supply used.
Bypass capacitance between AGND and VEE is very im-
portant for reliable operation. If a short circuit occurs at
one of the output ports it can take as long as 1μs for the
LTC4290 to begin regulating the current. During this time
the current is limited only by the small impedances in the
circuit and a high current spike typically occurs, causing a
voltage transient on the VEE supply and possibly causing
the LTC4290/LTC4271 to reset due to a UVLO fault. A 1μF,
100V X7R capacitor placed near the VEE pin along with an
electrolyticbulkcapacitorofatleast47µFisrecommended
to minimize spurious resets.
Serial Bus Isolation
TheLTC4290/LTC4271chipsetusestransformerstoisolate
the LTC4271 from the LTC4290. In this case, the SDAIN
and SDAOUT pins can be shorted to each other and tied
directly to the I2C/SMBus bus. The transformers should
be 10BASE-T or 10/100BASE-T with a 1:1 turns ratio. It
is important that the selected transformers do not have
common-mode chokes. These transformers typically
provide 1500V of isolation between the LTC4271 and the
LTC4290. For proper operation strict layout guidelines
must be met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com