Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC3021 Datasheet(PDF) 21 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 17Page - Texas Instruments GC3021 Datasheet HTML 18Page - Texas Instruments GC3021 Datasheet HTML 19Page - Texas Instruments GC3021 Datasheet HTML 20Page - Texas Instruments GC3021 Datasheet HTML 21Page - Texas Instruments GC3021 Datasheet HTML 22Page - Texas Instruments GC3021 Datasheet HTML 23Page - Texas Instruments GC3021 Datasheet HTML 24Page - Texas Instruments GC3021 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
GRAYCHIP, INC.
- 19 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
4.5
PLL CONTROL REGISTER
The phase lock loop (PLL) phase hold control and filter coefficients are stored in this register. The
suggested default is 028A (HEX) which sets A=10 and B=20 for acquisition, and 038e (HEX) which sets
A=14 and B=28 for tracking.
ADDRESS 5:
PLL_REG
BIT
TYPE
NAME
DESCRIPTION
0-4
R/W
A[0:4]
The 5 bit “A” coefficient. See Figure 7. The phase error
is multiplied by 2-A for A equal to 1 through 31, and is
multiplied by 0 for A equal to 0.
5-9
R/W
B[0:4]
The 5 bit “B” coefficient. See Figure 7. The phase error
is multiplied by 2-B for B equal to 1 through 31, and is
multiplied by 0 for B equal to 0.
10
R/W
EXT_ERROR
Use the EIN input as the error input to the PLL circuit.
EIN = 0 adds to the phase, EIN = 1 subtracts.
11-14
R/W
-
unused
15 (MSB)
R/W
PHASE_HOLD
The phase register tracks the value of the phase
increment when this bit is low and holds the last value
when this bit is high.
The A and B coefficients stored in this register are not used until the AB_SYNC is asserted as
described in Section 4.2.
4.6
FREQUENCY WORD REGISTERS
Registers 6 and 7 contain the 32 bit frequency tuning word. The frequency word is added into the
PLL output as shown in Figure 6. Bit 0 is the LSB, bit 31 is the MSB. The suggested default is zero.
ADDRESS 6:
FREQ_REG0
BIT
TYPE
NAME
DESCRIPTION
0-15
R/W
FREQ[0:15]
16 LSBs of the frequency word
ADDRESS 7:
FREQ_REG1
BIT
TYPE
NAME
DESCRIPTION
0-15
R/W
FREQ[15:31]
16 MSBs of the frequency word
The tuning frequency is specified using the formula:
where “Frequency” is the desired tuning frequency, and “clock rate” is the chip’s clock rate. The FREQ value
stored in these registers are transferred to the PLL circuit when the FREQ_SYNC is asserted as described
in Section 4.2.
FREQ
Frequency
Clock Rate
-----------------------------2
32
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com