Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC3021 Datasheet(PDF) 6 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 2Page - Texas Instruments GC3021 Datasheet HTML 3Page - Texas Instruments GC3021 Datasheet HTML 4Page - Texas Instruments GC3021 Datasheet HTML 5Page - Texas Instruments GC3021 Datasheet HTML 6Page - Texas Instruments GC3021 Datasheet HTML 7Page - Texas Instruments GC3021 Datasheet HTML 8Page - Texas Instruments GC3021 Datasheet HTML 9Page - Texas Instruments GC3021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
GRAYCHIP, INC.
- 4 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
following clock edge. The enables are designed to be used with the data valid strobes from the GC3011
digital resampler and GC2011 digital filter chips.
2.4
INPUT FORMAT
The input format circuit accepts complex data at the clock rate of the chip, or real data at twice the
clock rate of the chip. The input format circuit outputs pairs of samples to the mixer circuit where the pair is
either a complex data pair, or an even and odd time sample pair. A block diagram of the input circuit is
shown in Figure 2.
Figure 2. INPUT FORMAT CIRCUIT
The data, clock and sync operate at a rate which is twice the chip’s clock rate in the high speed
mode. The differential receivers convert the PECL signals to CMOS voltage swings. The data splitter divides
the high speed data stream into two streams at half the high speed rate. One stream contains the odd time
samples and the other contains the even time samples. The high speed sync synchronizes the data splitter
by identifying a sample which should show up in the even data stream. The data splitter circuit divides the
high speed clock in half and outputs it as HCKO. The HCKO clock should be buffered and used as the clock
input to the chip (See Section 2.3). The HSO sync is the high speed sync reclocked by HCKO. The HSO
sync is used within the chip as one of the synchronization sources for the internal circuitry, or can be routed
HCK
HCK
HSI
HSI
HS
DATA
(12 bits)
External Clock Driver
TO CHIP
CLOCK
HCKO
DATA
SPLITTER
DATA
MUX
Diagnostic
Ramp
Data
To
Mixer
To Internal
+
-
+
-
+
-
COMPLEX
DATA
I
Q
Even Odd
Mode
Select
Receiver Enable
and Termination Enable
XI
XQ
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
12 Bits
VTERM
clock
sync
data
sync
out
clock
out
Sync Generator
and Counter
HSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com