Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC3021 Datasheet(PDF) 11 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 7Page - Texas Instruments GC3021 Datasheet HTML 8Page - Texas Instruments GC3021 Datasheet HTML 9Page - Texas Instruments GC3021 Datasheet HTML 10Page - Texas Instruments GC3021 Datasheet HTML 11Page - Texas Instruments GC3021 Datasheet HTML 12Page - Texas Instruments GC3021 Datasheet HTML 13Page - Texas Instruments GC3021 Datasheet HTML 14Page - Texas Instruments GC3021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
GRAYCHIP, INC.
- 9 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
24 for initial acquisition and 31 for final tracking. The values of A and B are double buffered so that the loop
bandwidth can be changed synchronous to an external sync signal.
Initial acquisition can be greatly aided by presetting the PLL to an estimated frequency offset. This
is done by loading the frequency register with the estimated frequency.
In the mixer mode the PLL is turned off by clearing 2-A and 2-B, clearing the accumulator and setting
the frequency register to the desired tuning frequency. The 32 bit frequency word is set to the desired
frequency using the formula:
, where “Frequency” is the desired
frequency and “Clock Rate” is the chip’s clock rate. The frequency register is double buffered so that
frequency changes can be made synchronous to external sync signals.
The upper 16 bits of the current phase increment is monitored by the phase increment register. The
register tracks the current phase increment when the “hold” control is low and holds the last value when
“hold” is high. The user may wish to monitor the phase increment in order to reinitialize the PLL after a loss
of signal, or to determine when carrier lock has been achieved.
2.9
NCO
The PLL circuit generates a phase increment word which is used by the NCO to generate a
sine/cosine sequence at the desired tuning frequency. The NCO circuit accumulates the phase and uses
the upper 13 bits of the 32 bit accumulator to lookup 12 bit sines and cosines. A block diagram of the NCO
circuit is shown in Figure 8.
Figure 8. NCO CIRCUIT
The accumulator output plus one half the phase increment is used in the high speed mode1 to look
up the BCOS and BSIN values. This generates the proper “odd time” sine/cosine values needed in the high
speed mode. The tuning range in the high speed mode is limited to +/- FIN/4, where FIN is thehigh speed
input data rate. To tune to frequencies above FIN/4, the user must negate the odd-time output samples (both
I and Q). This mixes the output down by FIN/2. For example, to mix down the frequency 0.3IN, the user
should set the tuning frequency to +0.2FIN, and then negate the odd-time output data to give a final tuning
of (0.2FIN - 0.5FIN) = -0.3FIN.
1. The high speed mode is the double rate real input mode, see Section 2.4
FREQ
Frequency
Clock Rate
-----------------------------2
32
=
32 BIT PHASE ACCUMULATOR
NCO Sync
PHASE
INCREMENT
DIVIDE BY 2
Clear
Dither
Sync
High Speed
Mode
TRIG
TABLE
ACOS
ASIN
13 Bits
17 Bits
17 Bits
12 Bits
12 Bits
TRIG
TABLE
BCOS
BSIN
13 Bits
12 Bits
12 Bits
Negate Sine
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com