Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC3021 Datasheet(PDF) 13 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 9Page - Texas Instruments GC3021 Datasheet HTML 10Page - Texas Instruments GC3021 Datasheet HTML 11Page - Texas Instruments GC3021 Datasheet HTML 12Page - Texas Instruments GC3021 Datasheet HTML 13Page - Texas Instruments GC3021 Datasheet HTML 14Page - Texas Instruments GC3021 Datasheet HTML 15Page - Texas Instruments GC3021 Datasheet HTML 16Page - Texas Instruments GC3021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
GRAYCHIP, INC.
- 11 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
2.12
DATA DELAYS
The data delay through the chip in input clock cycles is shown in Table 2 below.
2.13
POWER DOWN AND KEEP ALIVE CIRCUIT
This circuit is used to either power down the chip or to prevent excess power consumption when
the external clock is disconnected. In the power down mode the circuit selects a 1 KHz internal oscillator as
the chip’s internal clock, thereby reducing the chip’s power consumption down to a few milliwatts. In the
keep alive mode the chip detects when the clock has been inactive for one or two milliseconds and then
switches to the 1 KHz internal oscillator. This ensures that the chip’s internal dynamic nodes do not float to
middle voltages, a condition which can cause excessive power draw.
2.14
DIAGNOSTICS
The sync counter can be used as an input sync and data source in order to perform diagnostics.
The diagnostic outputs are captured in the snapshot RAM and compared with predicted results. The whole
chip except for the I/O pads, the high speed input circuit and the output format circuit can be checked this
way. Section 6.6 tabulates the diagnostic configurations and their expected snapshot outputs.
Table 2: DATA DELAYS
FROM
TO
DELAY
MODE
I, Q
SI, SQ
15
OUTSEL=1
I, Q
I, Q (even/odd)
13
OUTSEL=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com