Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PD Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6474PD
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6474PD Datasheet HTML 5Page - STMicroelectronics L6474PD Datasheet HTML 6Page - STMicroelectronics L6474PD Datasheet HTML 7Page - STMicroelectronics L6474PD Datasheet HTML 8Page - STMicroelectronics L6474PD Datasheet HTML 9Page - STMicroelectronics L6474PD Datasheet HTML 10Page - STMicroelectronics L6474PD Datasheet HTML 11Page - STMicroelectronics L6474PD Datasheet HTML 12Page - STMicroelectronics L6474PD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
L6474
Electrical characteristics
Doc ID 022529 Rev 2
9/51
3
Electrical characteristics
VSA = VSB = 36 V; VDD = 3.3 V; internal 3 V regulator; TJ = 25 °C, unless otherwise
specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
General
VSthOn
VS UVLO turn-on threshold
7.5
8.2
8.9
V
VSthOff
VS UVLO turn-off threshold
6.6
7.2
7.8
V
VSthHyst
VS UVLO threshold hysteresis
0.7
1
1.3
V
Iq
Quiescent motor supply current
Internal oscillator selected;
VREG = 3.3 V ext; CP
floating
0.5
0.65
mA
Tj(WRN)
Thermal warning temperature
130
°C
Tj(SD)
Thermal shutdown temperature
160
°C
Charge pump
Vpump
Voltage swing for charge pump oscillator
10
V
fpump,min
Minimum charge pump oscillator frequency
(1)
660
kHz
fpump,max
Maximum charge pump oscillator frequency
(1)
800
kHz
Iboot
Average boot current
fsw,A = fsw,B = 15.6 kHz
POW_SR = ‘10’
1.1
1.4
mA
Output DMOS transistor
RDS(on)
High side switch ON resistance
Tj = 25 °C, Iout = 3A
0.37
Ω
Tj = 125 °C,
(2) I
out = 3A
0.51
Low side switch ON resistance
Tj = 25 °C, Iout = 3A
0.18
Tj = 125 °C,
(2) I
out = 3A
0.23
IDSS
Leakage current
OUT = VS
3.1
mA
OUT = GND
-0.3
tr
Rise time (3)
POW_SR = '00', Iout = +1A
100
ns
POW_SR = '00', Iout = -1A
80
POW_SR = ‘11’, Iout = ±1A
100
POW_SR = ‘10’, Iout = ±1A
200
POW_SR = ‘01’, Iout = ±1A
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com