Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PD Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6474PD
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PD Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6474PD Datasheet HTML 23Page - STMicroelectronics L6474PD Datasheet HTML 24Page - STMicroelectronics L6474PD Datasheet HTML 25Page - STMicroelectronics L6474PD Datasheet HTML 26Page - STMicroelectronics L6474PD Datasheet HTML 27Page - STMicroelectronics L6474PD Datasheet HTML 28Page - STMicroelectronics L6474PD Datasheet HTML 29Page - STMicroelectronics L6474PD Datasheet HTML 30Page - STMicroelectronics L6474PD Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
L6474
Phase current control
Doc ID 022529 Rev 2
27/51
7.2
Auto-adjusted decay mode
During the current control, the device automatically selects the best decay mode in order to
follow the current profile reducing the current ripple.
At reset, the OFF time is performed by turning on both the low side MOS of the power stage
and the current recirculates in the lower half of the bridge (slow decay).
If, during a PWM cycle, the target current threshold is reached in a time shorter than the
TON_MIN value, a fast decay of TOFF_FAST/8 (T_FAST register) is immediately
performed, turning on the opposite MOS of both half bridges and the current recirculates
back to the supply bus.
After this time, the bridge returns to the ON state: if the time needed to reach the target
current value is still less than TON_MIN, a new fast decay is performed with a period twice
the previous one. Otherwise, the normal control sequence is followed as described in
section 7.1. The maximum fast decay duration is set by TOFF_FAST value.
Figure 10.
Adaptive decay - fast decay tuning
When two or more fast decays are performed with present target current, the control system
adds a fast decay at the end of every OFF time, keeping the OFF state duration constant
(tOFF is split into tOFF,SLOW and tOFF,FAST). When the current threshold is increased by a
micro-step change (rising step), the system returns to normal decay mode (slow decay only)
and the tFAST value is halved.
Reaching the current sinewave zero crossing causes the current control system to return to
the reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com