Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PD Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6474PD
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PD Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6474PD Datasheet HTML 33Page - STMicroelectronics L6474PD Datasheet HTML 34Page - STMicroelectronics L6474PD Datasheet HTML 35Page - STMicroelectronics L6474PD Datasheet HTML 36Page - STMicroelectronics L6474PD Datasheet HTML 37Page - STMicroelectronics L6474PD Datasheet HTML 38Page - STMicroelectronics L6474PD Datasheet HTML 39Page - STMicroelectronics L6474PD Datasheet HTML 40Page - STMicroelectronics L6474PD Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
L6474
Programming manual
Doc ID 022529 Rev 2
37/51
9.1.10
STEP_MODE
The STEP_MODE register has the following structure:
The STEP_SEL parameter selects one of five possible stepping modes:
Every time the step mode is changed, the electrical position (i.e. the point of microstepping
sinewave that is generated) is reset to the first microstep.
Warning:
Every time STEP_SEL is changed the value in ABS_POS
register loses meaning and should be reset.
Any attempt to write the register when the outputs are enabled causes the command to be
ignored and the NOTPERF_CMD flag to rise (see paragraph 9.1.13).
The SYNC output provides a synchronization signal according to SYNC_SEL parameter.
Table 18.
STEP_MODE register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
SYNC_SEL
1 (1)
1.
When the register is written this bit should be set to 1.
STEP_SEL
Table 19.
Step mode selection
STEP_SEL[2..0]
Step mode
0
0
0
Full step
0
0
1
Half step
0
1
0
1/4 microstep
0
1
1
1/8 microstep
1
X
X
1/16 microstep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com