Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PD Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6474PD
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PD Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6474PD Datasheet HTML 18Page - STMicroelectronics L6474PD Datasheet HTML 19Page - STMicroelectronics L6474PD Datasheet HTML 20Page - STMicroelectronics L6474PD Datasheet HTML 21Page - STMicroelectronics L6474PD Datasheet HTML 22Page - STMicroelectronics L6474PD Datasheet HTML 23Page - STMicroelectronics L6474PD Datasheet HTML 24Page - STMicroelectronics L6474PD Datasheet HTML 25Page - STMicroelectronics L6474PD Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Functional description
L6474
22/51
Doc ID 022529 Rev 2
Figure 7.
OSCIN and OSCOUT pin configurations
Note:
When OSCIN is UNUSED, it should be left floating.
When OSCOUT is UNUSED it should be left floating.
6.9
Overcurrent detection
When the current in any of the power MOSFETs exceeds a programmed overcurrent
threshold, the STATUS register OCD flag is forced low until the overcurrent event has
expired and a GetStatus command is sent to the IC (see paragraphs 9.1.13 and 9.1.9).
Overcurrent event expires when all the power MOSFET currents fall below the programmed
overcurrent threshold.
The overcurrent threshold can be programmed through the OCD_TH register in one of 16
available values ranging from 375 mA to 6 A with steps of 375 mA (see Table 9, paragraph
9.1.9).
It is possible to set whether or not an overcurrent event causes the MOSFET turn-off
(bridges in high impedance status) acting on the OC_SD bit in the CONFIG register (see
paragraph 9.1.12). The OCD flag in the STATUS register is raised anyway (see Table 28,
paragraph 9.1.13).
When the IC outputs are turned off by an OCD event, they cannot be turned on until the
OCD flag is released by a GetStatus command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com