Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02-08-1237 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 02-08-1237
Description  HAND CRIMP TOOL SPECIFICATION SHEET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

02-08-1237 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  02-08-1237 Datasheet HTML 1Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 2Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 3Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 4Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 5Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Hand Tool for Disk Drive Power Connection System Crimp Terminals
Doc No: ATS-638117000
Release Date: 01-19-07
UNCONTROLLED COPY
Page 6 of 6
Revision: B
Revision Date: 03-29-08
RATCHET
RELEASE LEVER
2
Figure 7
M4 X 5LG
BHCS
3
4
1
3
PARTS LIST
Item Number
Order Number
Description
Quantity
REF
63811-7000
Hand Crimp Tool
Figure 7
1
63810-0101
Wrench Set (Not included)
0
2
63810-0102
Locator Base Assembly
1
3
63810-0103
Repair Kit (Not included)
0
4
63811-7075
Locator
1
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax: 630-969-1352
Visit our Web site at http://www.molex.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com