Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02-08-1237 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 02-08-1237
Description  HAND CRIMP TOOL SPECIFICATION SHEET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

02-08-1237 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  02-08-1237 Datasheet HTML 1Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 2Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 3Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 4Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 5Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Hand Tool for Disk Drive Power Connection System Crimp Terminals
Doc No: ATS-638117000
Release Date: 01-19-07
UNCONTROLLED COPY
Page 2 of 6
Revision: B
Revision Date: 03-29-08
CONDITIONS:
After crimping, the conductor profiles should measure the following (see notes on page 5).
Conductor Crimp
Wire Size
Height (Ref.)
Width (Ref.)
Pull Force
Minimum
Profile
Terminal Series No.
AWG
mm
2
mm
In.
mm
In.
N
Lb. A B C
18
0.80 1.00-1.10 .040-.044
1.92
.076
89.0 20.0 X
20
0.50 1.00-1.10 .040-.044
1.92
.076
71.2 16.0 X
8980
22
0.35 1.00-1.10 .040-.044
1.92
.076
44.5 10.0 X
14
2.00 1.25-1.35 .049-.053
2.32
.091
266.9 60.0
X
16
1.30 1.25-1.35 .049-.053
2.32
.091
133.4 30.0
X
18
0.80 1.20-1.30 .047-.051
2.20
.087
89.0 20.0
X
8980
20
0.50 1.20-1.30 .047-.051
2.20
.087
71.2 16.0
X
OPERATION
CAUTION: Install only Molex terminals listed above with this tool. Do not crimp hardened objects as
damage can occur to the tool or die.
Open the tool by squeezing the handles together, at the end of the closing
stroke, the ratchet mechanism will release the handles, and the hand tool will
spring open.
Crimping Terminals
1. Select the desired terminal listed in the preceding charts.
2. Swing the terminal locator away from the crimp tool shown in Figure 2.
Some terminals with large insulation grips may interfere with the crimp
tooling when swinging the locator into position. The terminal must then
be loaded into the locator in the closed/crimp position.
3. When using the locator, press down on the wire stop on the locator as shown in Figure 2. Insert the proper
terminal into the proper nest opening. Make sure when choosing the nest opening, it will correspond with the
A, B, or C profile on the hand tool.
4. Return the locator to its original position. Insert the proper wire over the terminal. Some large O.D. wires may
need to be placed into the terminal before closing the tool. Gently touch the wire stop with the end of the wire.
See Figure 3.
5. Compress the terminal by squeezing the tool handles until the ratchet mechanism cycle has been completed.
Release handles to open the jaws.
Note: The tamper proof ratchet action will not release the tool until it has been fully closed.
6. Remove the crimped terminal from the terminal locator by pressing down on the wire stop and gently pulling on
the wire. The terminal locator can be in either position.
7. Visually inspect the crimped terminal for proper crimp location.
Figure 1
LOCATOR
JAWS OPEN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com