Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02-08-1237 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 02-08-1237
Description  HAND CRIMP TOOL SPECIFICATION SHEET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

02-08-1237 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  02-08-1237 Datasheet HTML 1Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 2Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 3Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 4Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 5Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Hand Tool for Disk Drive Power Connection System Crimp Terminals
Doc No: ATS-638117000
Release Date: 01-19-07
UNCONTROLLED COPY
Page 4 of 6
Revision: B
Revision Date: 03-29-08
Maintenance
It is recommended that each operator of the tool be made aware
of, and responsible for, the following maintenance steps:
1. Remove dust, moisture, and other contaminants with a clean
brush, or soft, lint free cloth.
2. Do not use any abrasive materials that could damage the
tool.
3. Make certain all pins; pivot points and bearing surfaces are
protected with a thin coat of high quality machine oil. Do not
oil excessively. The tool was engineered for durability but
like any fine piece of equipment it needs cleaning and
lubrication for a maximum service life of trouble free crimping. Light oil such as 30 weight automotive oil used
at the oil points, every 5,000 crimps or 3 months, shown in Figure 6 will significantly enhance the tool life.
4. Wipe excess oil from hand tool, particularly from crimping area. Oil transferred from the crimping area onto
certain terminations may affect the electrical characteristics of an application.
5. When tool is not in use, keep the handles closed to prevent objects from becoming lodged in the crimping dies,
and store the tool in a clean, dry area.
Miscrimps or Jams
Should this tool ever become stuck or jammed in a
partially closed position, Do Not force the handles
open or closed. The tool will open easily by
pressing the ratchet release lever. See Figure 6.
How to Adjust Tool Preload
(See Figure 6)
This hand tool is factory preset to 25-45 LBS.
preload. It may be necessary over the life of the
tool to adjust tool handle preload force. Listed
below are the steps required to adjust the crimping
force of the hand tool to obtain proper crimp
conditions:
1. Remove or fold back the handle grip from the handle to expose the eccentric axle and setting wheel.
2. Remove the locking screw with a 2mm hex wrench. The wrench set (63810-0101), is not supplied. It is sold
separately from the hand tool.
3. Turn the eccentric axle and setting wheel with the wrench or pliers Counter-clockwise (CCW) to increase handle
force.
4. Replace the locking screw, aligning the nearest notch in the setting wheel to locking screw.
5. Replace the handle grip.
6. Check the crimp specifications or conduct a pull test after tool handle preload force is adjusted.
RATCHET
RELEASE LEVER
Figure 6
HANDLE
GRIP
REMOVED
ECCENTRIC AXLE
HANDLE
GRIP
LOCKING
SCREW
WRENCH SET
(SOLD
SEPERATELY)
PRELOAD
CHECK POINT
25.4MM
SETTING WHEEL
LUBRICATION POINTS
(BOTH SIDES) LIGHT OIL
(EVERY 3 MONTHS OR
5,000 CRIMPS)
Figure 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com