Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02-08-1237 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 02-08-1237
Description  HAND CRIMP TOOL SPECIFICATION SHEET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

02-08-1237 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  02-08-1237 Datasheet HTML 1Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 2Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 3Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 4Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 5Page - Molex Electronics Ltd. 02-08-1237 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Hand Tool for Disk Drive Power Connection System Crimp Terminals
Doc No: ATS-638117000
Release Date: 01-19-07
UNCONTROLLED COPY
Page 1 of 6
Revision: B
Revision Date: 03-29-08
INSULATION
CRIMP
BRUSH
STRIP
LENGTH
BELL MOUTH
CRIMP HEIGHT
BEND
DOWN
BEND UP
ROLLING
CONDUCTOR
CRIMP
TWISTING
TYPE 2C
HAND CRIMP TOOL
SPECIFICATION SHEET
Order No. 63811-7000
FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomic soft grip handles for comfortable crimping
A precision user-friendly terminal locator wire stop holds terminals in the proper crimping position
This tool is IPC/WHMA-A-620 Class 2 and RoHS compliant
SCOPE
Products: Disk Drive Power Connection System Crimp Terminal 14-22 AWG.
Terminal Order No.
Wire Size
Insulation Diameter
Strip Length
Terminal
Series No.
Loose Piece
Reel
AWG
mm²
mm
In.
mm
In.
14-16 2.00-1.30 2.75-3.56 .109-.140 4.75-5.54 .187-.218
02-08-1202
02-08-1235
02-08-1237
02-08-1335
02-08-1201
02-08-1234
02-08-1334
02-08-1236 18-20 0.80-0.50 2.00-2.90 .079-.114 4.75-5.54 .187-.218
8980
02-08-1204 02-08-1337 02-08-1203 02-08-1336 18-22 0.80-0.35 1.52-2.30 .060-.090 4.75-5.54 .187-.218
Follow the Cut-Off Tab specifications on Applicator specification sheets.
These Terminals cannot be removed from the reel by manual cutting.
An applicator must be used or the terminals will not function properly.
DEFINITION OF TERMS
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the
scope.


Similar Part No. - 02-08-1237

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-08-1234 MOLEX1-02-08-1234 Datasheet
91Kb / 3P
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
02-08-1234-C MOLEX1-02-08-1234-C Datasheet
91Kb / 3P
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
02-08-1234-ND MOLEX1-02-08-1234-ND Datasheet
91Kb / 3P
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
More results

Similar Description - 02-08-1237

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
HAND CRIMP TOOL SPECIFICATION SHEET
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
Hand Crimp Tool Specification Sheet
0638117576 MOLEX11-0638117576 Datasheet
341Kb / 7P
Hand Crimp Tool Specification Sheet
0638119300 MOLEX11-0638119300 Datasheet
259Kb / 6P
HAND CRIMP TOOL Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
HAND CRIMP TOOL Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
Hand Crimp Tool Specification Sheet
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
Hand Crimp Tool Specification Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com