Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2109 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL2109
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109 Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL2109 Datasheet HTML 1Page - NXP Semiconductors SSL2109 Datasheet HTML 2Page - NXP Semiconductors SSL2109 Datasheet HTML 3Page - NXP Semiconductors SSL2109 Datasheet HTML 4Page - NXP Semiconductors SSL2109 Datasheet HTML 5Page - NXP Semiconductors SSL2109 Datasheet HTML 6Page - NXP Semiconductors SSL2109 Datasheet HTML 7Page - NXP Semiconductors SSL2109 Datasheet HTML 8Page - NXP Semiconductors SSL2109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
2 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
Leading-Edge Blanking (LEB)
OverCurrent Protection (OCP)
Short-Winding Protection (SWP); SSL2109T only
Internal OverTemperature Protection (OTP)
Brownout protection
Output Short Protection (OSP)
Low component count (see Figure 4) LED driver solution:
No dim switch and high-side driver required for PWM dimming
Easy external temperature protection with a single NTC
Option for soft-start function
Compatible with wall switches with built-in indication light during standby
IC lifetime easily matches or surpasses LED lamp lifetime
3.
Applications
The SSL2109 series is intended for compact LED lamps with accurate fixed current output
for single mains input voltages. Mains input voltages include 100 V, 120 V and 230 V
(AC). The output signal can be modulated using a PWM signal. The power range is
determined by external components.
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating range
8
-
14
V
ICC(INT)
internal supply current
normal operation
-
1.3
-
mA
VHV
voltage on pin HV
-
-
600
V
VDRAIN
voltage on pin DRAIN
−0.4
-
600
V
fconv
conversion frequency
-
-
200
kHz
Vo(DRIVER)max maximum output voltage
on pin DRIVER
VCC > VCC(startup)
9
10.5
12
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL2109AT
SO8
plastic small package outline body; 8 leads; body width
3.9 mm
SOT96-1
SSL2109T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com