Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2109 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL2109
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL2109 Datasheet HTML 10Page - NXP Semiconductors SSL2109 Datasheet HTML 11Page - NXP Semiconductors SSL2109 Datasheet HTML 12Page - NXP Semiconductors SSL2109 Datasheet HTML 13Page - NXP Semiconductors SSL2109 Datasheet HTML 14Page - NXP Semiconductors SSL2109 Datasheet HTML 15Page - NXP Semiconductors SSL2109 Datasheet HTML 16Page - NXP Semiconductors SSL2109 Datasheet HTML 17Page - NXP Semiconductors SSL2109 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
14 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
12. Application information
A LED driver with the SSL2109 series is a buck converter operating in BCM, see Figure 7.
Capacitor C3 buffers the IC supply voltage, which is powered via the HV pin at start-up
and via C5 during normal operation. Sense resistors R4 and R5 converts the current
through MOSFET Q1 into a voltage on pin Source. The value of these resistors defines
the maximum primary peak current on MOSFET Q1, and thus the LED current. Resistor
R6 reduces the reverse current into the DRIVER pin. The DRAIN pin is connected with the
drain of Q1 for valley detection.
In the example shown in Figure 7, the NTC pin is used for temperature protection. The
temperature level is set by Negative Temperature Coefficient (NTC) resistor R3 and
capacitor C4 reduces noise on the NTC pin. Further information can be found in the
SSL2109 series application note.
Fig 7.
A typical SSL2109 series application
SSL2109
HV
U1
DRAIN
VCC
GND
NTC
DVDT
SOURCE
R3
NTC
100 kΩ
C4
1 nF
C6
10 μF
160 V
D2
BYV25G-600
C3
1 μF
16 V
DRIVER
aaa-001746
1
2
3
4
6
5
8
7
C2
3.3 μF
400 V
C1
2.2 μF
385 V
L1
1 mH
500 mA SL
RV1
varistor 275 V
R1
fuse
L
J6-1
J6-2
L
N
1
1
10 Ω
R2
D1
DBLS105G
1
3
4
2
U
N
R6
C5
100 Ω,1206
120 pF
1 kV
L2
2.1 mH
1000 mA
R5
1.5, 1 %
R4
2.2, 1 %
Q1
MOSFET N
J5-1
LED+
LED-
LED+
LED-
J5-2
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com