Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2109 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL2109
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL2109 Datasheet HTML 3Page - NXP Semiconductors SSL2109 Datasheet HTML 4Page - NXP Semiconductors SSL2109 Datasheet HTML 5Page - NXP Semiconductors SSL2109 Datasheet HTML 6Page - NXP Semiconductors SSL2109 Datasheet HTML 7Page - NXP Semiconductors SSL2109 Datasheet HTML 8Page - NXP Semiconductors SSL2109 Datasheet HTML 9Page - NXP Semiconductors SSL2109 Datasheet HTML 10Page - NXP Semiconductors SSL2109 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
7 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
8.5 Valley detection
A new cycle is started when the primary switch is switched on (see Figure 5). In the
following sections, “on” represents the conductive state and off the non-conductive state.
Following time t1, when the peak current is detected on the SOURCE pin, the switch is
turned off and the secondary stroke starts at t2. When the secondary stroke is completed
with the coil current at t3 equaling zero, the drain voltage starts to oscillate at
approximately VIN
− VOUT level. The peak to peak amplitude equals 2 × VOUT. A special
feature, called valley detection is an integrated part of the SSL2109 series circuitry.
Dedicated built-in circuitry connected to the DRAIN pin, senses when the voltage on the
drain of the switch has reached its lowest value. The next cycle is then started at t00 and
as a result the capacitive switching losses are reduced. A valley is detected and accepted
if both the frequency of the oscillations and the voltage swing are within the range
specified (fring and ∆Vvrec(min)) for detection. ∆Vvrec(min) is the voltage differential between
the HV (pin) in and the DRAIN pin. If a valid valley is not detected, the secondary stroke is
continued until the maximum off-time (toff(high)) is reached, then the next cycle is started.
Fig 5.
Buck waveforms and valley detection
aaa-001744
demagnetization
VIN
valley
VGATE
VDRAIN
0
0
IL
VOUT
magnetization
3
2
t1
t0
t00
t2
t3
T
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com