Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2109 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL2109
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL2109 Datasheet HTML 4Page - NXP Semiconductors SSL2109 Datasheet HTML 5Page - NXP Semiconductors SSL2109 Datasheet HTML 6Page - NXP Semiconductors SSL2109 Datasheet HTML 7Page - NXP Semiconductors SSL2109 Datasheet HTML 8Page - NXP Semiconductors SSL2109 Datasheet HTML 9Page - NXP Semiconductors SSL2109 Datasheet HTML 10Page - NXP Semiconductors SSL2109 Datasheet HTML 11Page - NXP Semiconductors SSL2109 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
8 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
8.6 Protective features
The IC has the following protections:
UnderVoltage LockOut (UVLO)
Leading-Edge Blanking (LEB)
OverCurrent Protection (OCP)
Internal OverTemperature Protection (OTP)
Brownout protection
Short-Winding Protection (SWP) on SSL2109T only
Output Short Protection (OSP)
LED overtemperature control and protection
The SWP and the OSP are latched protections. These protections cause the IC to halt
until a reset (a result of power cycling) is executed. When VCC drops lower than VCC(rst),
the IC resets the latch protection mode. The internal OTP and LED over temperature
protections are safe-restart protections. The IC halts, causing VCC to fall lower than
VCC(stop), and instigates start-up. Switching starts only when no fault condition exists.
8.6.1 UnderVoltage LockOut (UVLO)
When the voltage on the VCC pin drops lower than VCC(stop), the IC stops switching. An
attempt is then made to restart by supplying VCC from the HV pin voltage.
8.6.2 Leading-Edge Blanking (LEB)
To prevent false detection of the short-winding or overcurrent, a blanking time following
switch-on is implemented. When the MOSFET switch turns on there can be a short
current spike due to capacitive discharge of voltage over the drain and source. During the
LEB time (tleb), the spike is disregarded.
8.6.3 OverCurrent Protection (OCP)
The SSL2109 series contains a highly accurate peak current detector. It triggers when the
voltage at the SOURCE pin reaches the peak-level Vth(ocp)SOURCE. The current through
the switch is sensed using a resistor connected to the SOURCE pin. The sense circuit is
activated following LEB time tleb. As the LED current is half the peak current (by design), it
automatically provides protection for maximum LED current during operation. There is a
propagation delay between overcurrent detection and the actual closure of the switch
td(ocp-swoff). Due to the delay, the actual peak current is slightly higher than the OCP level
set by the resistor in series to the SOURCE pin.
8.6.4 OverTemperature Protection (OTP)
When the internal OTP function is triggered at a certain IC temperature (Tth(act)otp), the
converter stops operating. The OTP safe-restart protection and the IC restarts again with
switching resuming when the IC temperature drops lower than Tth(rel)otp.
8.6.5 Brownout protection
Brownout protection is designed to limit the lamp power when the input voltage drops
close to the output voltage level. Since the input power has to remain constant, the input
current would otherwise increase to a level that is too large for the input circuitry. For the
SSL2109 series, there is a maximum limit on the on-time of switch ton(high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com