Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2115X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL2115X
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2115X Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL2115X Datasheet HTML 1Page - NXP Semiconductors SSL2115X Datasheet HTML 2Page - NXP Semiconductors SSL2115X Datasheet HTML 3Page - NXP Semiconductors SSL2115X Datasheet HTML 4Page - NXP Semiconductors SSL2115X Datasheet HTML 5Page - NXP Semiconductors SSL2115X Datasheet HTML 6Page - NXP Semiconductors SSL2115X Datasheet HTML 7Page - NXP Semiconductors SSL2115X Datasheet HTML 8Page - NXP Semiconductors SSL2115X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SSL2115X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 7 June 2012
4 of 15
NXP Semiconductors
SSL2115X
Low-cost non-dimmable LED driver IC
8.
Functional description
8.1 Introduction
The SSL2115X is an integrated circuit intended for retrofit small form factor SSL lamps. It
provides a controller with an internal high-voltage switch to drive LEDs. It operates directly
from the rectified mains.
8.2 Current source operation
A flyback inductor is calculated using Equation 1:
(1)
Where
•  is the efficiency of the complete flyback converter
• fsw(high) is the high switching frequency
• Umax the maximum combined voltage of the connected LEDs and the voltage drop of
the output rectifier
• L is the primary inductance of the flyback transformer
• Ipk is the peak current through of the flyback transformer
(2)
VDRAIN = voltage on pin DRAIN
ton = turn-on time
toff = turn-off time
VM = peak voltage
Vi = input voltage
N = transformer winding turns ratio
VOUT = output voltage.
Fig 3.
Drain switching wave form
DDD
9'5$,1
9L Q9RXW
90
WRQ
WRII
WVZ
IUHHUXQQLQJ
9L
L
I
LED
U
max

0.85
 f
sw high
 0.5 Ipk
2

--------------------------------------------------------------------
=
I
pk
V
ref high
pk
R
SOURCE
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com