Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2115X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL2115X
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2115X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL2115X Datasheet HTML 3Page - NXP Semiconductors SSL2115X Datasheet HTML 4Page - NXP Semiconductors SSL2115X Datasheet HTML 5Page - NXP Semiconductors SSL2115X Datasheet HTML 6Page - NXP Semiconductors SSL2115X Datasheet HTML 7Page - NXP Semiconductors SSL2115X Datasheet HTML 8Page - NXP Semiconductors SSL2115X Datasheet HTML 9Page - NXP Semiconductors SSL2115X Datasheet HTML 10Page - NXP Semiconductors SSL2115X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SSL2115X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 7 June 2012
7 of 15
NXP Semiconductors
SSL2115X
Low-cost non-dimmable LED driver IC
9.
Limiting values
[1]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
10. Thermal characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
General
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
40
+150
C
Tstg
storage temperature
55
+150
C
Voltages
VCC
supply voltage
continuous [1]
0.3
+35
V
VDRAIN
voltage on pin DRAIN
2+700
V
VSENSE
voltage on pin SENSE
current limited
20
+5
V
Currents
IM(DRAIN)
peak current on pin DRAIN
SSL21151
0.7
+0.7
A
SSL21153
1.5
+1.5
A
IDRAIN
current on pin DRAIN
SSL21151
0.1
+0.7
A
SSL21153
0.1
+1.5
A
ISOURCE
current on pin SOURCE
SSL21151
0.7
+0.1
A
SSL21153
1.5
+0.1
VESD
electrostatic discharge voltage
human body model;
all pins (except DRAIN)
[1]
2+2
kV
pin DRAIN
1+1
kV
charged device model
500
+500
V
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air; SO7 package, PCB: 475 mm,
2-layer, 70
m Cu per layer
136
K/W
in free air; SO7 package, PCB:
1750 mm, 1-layer, 35
m Cu per layer
136
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com