Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2115X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL2115X
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2115X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL2115X Datasheet HTML 2Page - NXP Semiconductors SSL2115X Datasheet HTML 3Page - NXP Semiconductors SSL2115X Datasheet HTML 4Page - NXP Semiconductors SSL2115X Datasheet HTML 5Page - NXP Semiconductors SSL2115X Datasheet HTML 6Page - NXP Semiconductors SSL2115X Datasheet HTML 7Page - NXP Semiconductors SSL2115X Datasheet HTML 8Page - NXP Semiconductors SSL2115X Datasheet HTML 9Page - NXP Semiconductors SSL2115X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SSL2115X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 7 June 2012
6 of 15
NXP Semiconductors
SSL2115X
Low-cost non-dimmable LED driver IC
limits the VLED when VCC reaches the Vprot(VCC) value. A non-latched application can be
created depending on implementation of a small preload. Without the small preload, the
protection latches.
8.11 Operational limits
The application must stay in Current Control Mode (CCM) for normal functionality. During
normal operation, the switching frequency can reach 0.85
 f
sw(high). This requirement
must be met for the highest specified LED voltage.
On the other hand, the converter must be capable to handle the lowest specified LED
voltage. The auxiliary winding of the transformer generates the IC’s VCC supply voltage.
As the minimum and maximum requirements for the supply voltage of the IC have a given
ratio, the ratio of the lowest and highest LED voltage is also determined.
Choose the auxiliary voltage carefully if a large LED voltage ratio is required. An LED
voltage ratio up to three can be realized with this IC.
The open output protection limits the output voltage to Umax / 0.85 when the circuit is
designed according to the guidelines contained in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com