Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2115X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL2115X
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2115X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL2115X Datasheet HTML 6Page - NXP Semiconductors SSL2115X Datasheet HTML 7Page - NXP Semiconductors SSL2115X Datasheet HTML 8Page - NXP Semiconductors SSL2115X Datasheet HTML 9Page - NXP Semiconductors SSL2115X Datasheet HTML 10Page - NXP Semiconductors SSL2115X Datasheet HTML 11Page - NXP Semiconductors SSL2115X Datasheet HTML 12Page - NXP Semiconductors SSL2115X Datasheet HTML 13Page - NXP Semiconductors SSL2115X Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SSL2115X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 7 June 2012
10 of 15
NXP Semiconductors
SSL2115X
Low-cost non-dimmable LED driver IC
13. Package outline
Fig 5.
Package outline SOT1175-1 (SO7)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1175-1
- - -
- - -
- - -
sot1175-1_po
10-03-30
10-04-21
Unit
mm
max
nom
min
1.75 0.250
0.175
0.100
0.25
0.49
0.40
0.36
5.0
4.9
4.8
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
A1
A2
1.45
1.35
1.25
A3
bp
1.0
0.7
0.4
0.70
0.67
0.60
0.25
Lp
Qv
c
0.25
0.20
0.19
DE
4.0
3.9
3.8
e
1.27
1.05
6.2
6.0
5.8
HE
L
0.1
0.7
0.5
0.3
8°
4°
0°
yZ
θ
0.25
w
2.5
0
5 mm
scale
SO7: plastic small outline package; 7 leads; body width 3.9 mm
SOT1175-1
y
D
A1
A2
Q
A
A3
θ
detail X
Lp
L
X
E
A
HE
vA
c
pin 1 index
Z
e
bp
w
4
1
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com