Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21151T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL21151T
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL21151T Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL21151T Datasheet HTML 1Page - NXP Semiconductors SSL21151T Datasheet HTML 2Page - NXP Semiconductors SSL21151T Datasheet HTML 3Page - NXP Semiconductors SSL21151T Datasheet HTML 4Page - NXP Semiconductors SSL21151T Datasheet HTML 5Page - NXP Semiconductors SSL21151T Datasheet HTML 6Page - NXP Semiconductors SSL21151T Datasheet HTML 7Page - NXP Semiconductors SSL21151T Datasheet HTML 8Page - NXP Semiconductors SSL21151T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SSL2115X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 7 June 2012
2 of 15
NXP Semiconductors
SSL2115X
Low-cost non-dimmable LED driver IC
3.
Applications
SSL21151 is suitable for applications up to 5 W mains power
SSL21153 is suitable for applications up to 10 W mains power
SSL retrofit lamps (small-sized light bulbs or LED spots)
LED module, mains AC/DC converter (down-lights)
LED strings (retail displays)
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating range
0.3
-
35
V
RDSon
drain-source on-state
resistance
SSL21151;
Tj =25 C
13
15.5
17
SSL21153;
Tj =25 C
3.5
4.8
6
fsw(high)
high switching frequency
normal operation
48
50.5
53
kHz
IM(DRAIN)
peak current on pin
DRAIN
SSL21151
0.7
-
+0.7
A
SSL21153
1.5
+1.5
A
VDRAIN
voltage on pin DRAIN
2-
+700
V
Tj
junction temperature
40
+150
C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL21151T
SO7
plastic small package outline body; 7 leads; body width
3.9 mm
SOT1175-1
SSL21153T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com