Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21151T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL21151T
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL21151T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL21151T Datasheet HTML 4Page - NXP Semiconductors SSL21151T Datasheet HTML 5Page - NXP Semiconductors SSL21151T Datasheet HTML 6Page - NXP Semiconductors SSL21151T Datasheet HTML 7Page - NXP Semiconductors SSL21151T Datasheet HTML 8Page - NXP Semiconductors SSL21151T Datasheet HTML 9Page - NXP Semiconductors SSL21151T Datasheet HTML 10Page - NXP Semiconductors SSL21151T Datasheet HTML 11Page - NXP Semiconductors SSL21151T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SSL2115X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 7 June 2012
8 of 15
NXP Semiconductors
SSL2115X
Low-cost non-dimmable LED driver IC
11. Characteristics
Table 6.
Characteristics
Tamb = 25C, VCC = 20 V; VSENSE = 0 V; RSOURCE = 1.5 ; all voltages referenced to GND, positive currents flow into the IC,
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
ICC
supply current
operating
0.53
0.75
0.97
mA
VCC(startup)
start-up supply voltage
15
17
19
V
VCC(UVLO)
undervoltage lockout supply
voltage
7.5
8.5
9.5
V
Istartup(DRAIN)
start-up current on pin DRAIN
0.2
0.7
1.6
mA
VBR(DRAIN)
breakdown voltage on pin DRAIN
700
-
-
V
Output stage
RDSon
drain-source on-state resistance
SSL21151; Tj =25 C
13
15.5
17
SSL21153; Tj =25 C3.5
4.8
6
IDRAIN(off)
off-state drain current
VDRAIN = 325 V
-
1
-
A
Temperature protection
Tth(otp)
overtemperature protection
threshold temperature
junction temperature
140
150
160
C
Totp(hys)
overtemperature protection trip
hysteresis
junction temperature
-
50
C
Peak current comparator (SOURCE pin)
td(ocp)
overcurrent protection delay time
dV/dt = 0.2 V/
s
-
100
-
ns
tleb
leading edge blanking time
290
325
360
ns
Vref(high)pk
high peak reference voltage
maximum peak voltage
without jitter
0.525
0.555
0.585 V
Vref(low)pk
low peak reference voltage
in LED open output mode
0.085
0.1
0.115 V
Vref-0V
reference voltage at start-up or
0 V feedback voltage
in CC mode with VFBS = 0 V
0.18
0.21
0.24
V
Sense input (SENSE pin)
Vth(ovp)sence
sense overvoltage protection
threshold voltage
3.1
3.2
3.3
V
Vref(sense)
sense reference voltage
LED overvoltage mode
2.5
-
2.6
V
Vth(det)demag(sense)
demagnetization detection voltage
level on Sense pin
25
50
75
mV
Frequency switching
fjit/fsw
jitter frequency to switching
frequency ratio
in all operation modes
except in burst mode
57
9
%
fsw(high)
high switching frequency
maximum switching, without
jitter
48
50.5
53
kHz
fsw(low)
low switching frequency
minimum switching, without
jitter.
21
22.5
24
kHz
max
maximum duty cycle
72
75
78
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com