Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21151T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL21151T
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL21151T Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL21151T Datasheet HTML 1Page - NXP Semiconductors SSL21151T Datasheet HTML 2Page - NXP Semiconductors SSL21151T Datasheet HTML 3Page - NXP Semiconductors SSL21151T Datasheet HTML 4Page - NXP Semiconductors SSL21151T Datasheet HTML 5Page - NXP Semiconductors SSL21151T Datasheet HTML 6Page - NXP Semiconductors SSL21151T Datasheet HTML 7Page - NXP Semiconductors SSL21151T Datasheet HTML 8Page - NXP Semiconductors SSL21151T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SSL2115X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 7 June 2012
5 of 15
NXP Semiconductors
SSL2115X
Low-cost non-dimmable LED driver IC
Where
• Vref(high)pk is the peak high reference voltage
• RSOURCE is the value of the resistor connected to the SOURCE pin
8.3 Leading-Edge Blanking (LEB)
The controller has a fixed LEB of 325 ns to avoid wrong detection of the primary peak
current.
8.4 dV/dt detection
The end of demagnetization is detected when the voltage on the sense pin is <50 mV.
8.5 Turn-off-time (toff)
A blanking time is applied at the beginning of toff during tblank time to observe the
demagnetization.
8.6 Supply concepts VCC and UnderVoltage LockOut (UVLO)
An integrated Junction gate Field-Effect Transistor (JFET), connected to the drain voltage,
provides the start-up current.
The IC starts switching when the voltage on pin VCC exceeds the VCC(startup) level. After
start-up, an external supply is required, which an auxiliary winding connection can
provide. When the voltage on pin VCC drops below the VCC(UVLO) level, the IC stops
switching and is reset.
Design the voltage of the auxiliary winding to ensure that the VCC supply voltage has a
Umax value of  29 V
8.7 Peak current detection
The cycle-by-cycle peak drain current limit circuit uses the external source resistor
RSOURCE to measure the primary peak current. The circuit is activated after the leading
edge blanking time. The protection circuit limits the source voltage over resistor RSOURCE
to Vth(det)SOURCE, thus limiting the primary peak current.
8.8 LED OverTemperature Protection (OTP)
An external temperature dependent resistor can be applied for LED over temperature
protection.
8.9 LED Output Short-circuit Protection (OSP)
When the output short-circuit protection is activated, the IC enters shutdown mode. Only a
power-on reset (switching off the mains voltage) activates normal operation.
8.10 Output LED open-circuit protection
If an open circuit occurs on the LEDs, the output voltage increases at each cycle of the
AC/DC converter. Energy is no longer transferred to the LEDs. The energy accumulated
at the primary side is transferred to the supply of the IC via the auxiliary winding. The IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com