Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21151T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL21151T
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL21151T Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL21151T Datasheet HTML 1Page - NXP Semiconductors SSL21151T Datasheet HTML 2Page - NXP Semiconductors SSL21151T Datasheet HTML 3Page - NXP Semiconductors SSL21151T Datasheet HTML 4Page - NXP Semiconductors SSL21151T Datasheet HTML 5Page - NXP Semiconductors SSL21151T Datasheet HTML 6Page - NXP Semiconductors SSL21151T Datasheet HTML 7Page - NXP Semiconductors SSL21151T Datasheet HTML 8Page - NXP Semiconductors SSL21151T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The SSL2115X is a low-cost non-dimmable LED driver IC. It is designed to drive LEDs in
isolated flyback or non-isolated buck-boost topologies. The device includes a high-voltage
power switch and a circuit enabling start-up directly from the rectified mains voltage. It has
a good controlled output current.
2.
Features and benefits
Compact solution with a small form factor and a low component count
Ease of integration
Primary side sensing (no optocoupler required)
True current source behavior:
LED current independent of mains voltage, LED voltage and temperature variation
LED current accuracy (10 %)
Line regulation:
3 % at 230 V 10 %
Load regulation:
3 % between 0.5  U
max and 0.85  Umax
Efficiency up to 86 % depending on the application
Power Factor 0.6 or ~0.9 using valley fill
Low ripple current < 1 %
Internal protections:
OverTemperature Protection (OTP)
LED short protection (IOUT (0 V – V maximum) at a constant level)
LED open protection
UnderVoltage LockOut (UVLO)
Internal supply voltage generation enabling start-up from the rectified mains voltage
SO7 package
SSL2115X
Low-cost non-dimmable LED driver IC
Rev. 2 — 7 June 2012
Product data sheet


Similar Part No. - SSL21151T

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SSL210 YANGJIE-SSL210 Datasheet
187Kb / 2P
Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
SSL210 YFWDIODE-SSL210 Datasheet
462Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
RFE international
SSL210 RFE-SSL210 Datasheet
3Mb / 3P
Surface Mount Schottky Rectifier
10-17-2022
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results

Similar Description - SSL21151T

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
NXP Semiconductors
SSL21081AT PHILIPS-SSL21081AT Datasheet
212Kb / 22P
Compact non-dimmable LED driver IC
Rev. 6-3 October 2013
SSL21083AT PHILIPS-SSL21083AT Datasheet
213Kb / 23P
Compact non-dimmable LED driver IC
Rev. 6-4 October 2013
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
TE Connectivity Ltd
SSL-75W TEC-SSL-75W Datasheet
385Kb / 2P
75W Non Dimmable LED Driver
logo
Cirrus Logic
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
Dimmable LED Driver IC for Low-voltage Lighting
logo
Bright Power Semiconduc...
BP2318 BPS-BP2318 Datasheet
187Kb / 2P
Dimmable Non-isolated Buck APFC LED Driver
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
PWM dimmable Non-isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com