Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AS Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SN8P1702AS
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AS Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SN8P1702AS Datasheet HTML 6Page - SONiX Technology Company SN8P1702AS Datasheet HTML 7Page - SONiX Technology Company SN8P1702AS Datasheet HTML 8Page - SONiX Technology Company SN8P1702AS Datasheet HTML 9Page - SONiX Technology Company SN8P1702AS Datasheet HTML 10Page - SONiX Technology Company SN8P1702AS Datasheet HTML 11Page - SONiX Technology Company SN8P1702AS Datasheet HTML 12Page - SONiX Technology Company SN8P1702AS Datasheet HTML 13Page - SONiX Technology Company SN8P1702AS Datasheet HTML 14Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 10
Revision 0.5
SN8P1702A/SN8P1703A FEATURES
♦
Memory configuration
♦
Three interrupt sources
OTP ROM size: 1K * 16 bits.
Two internal interrupts: TC0, TC1
RAM size: 128 * 8 bits.
One external interrupts: INT0.
♦
I/O pin configuration
♦
An 4-channel 12-bit ADC
Input only: P0
Bi-directional: P1, P4, P5
♦
Two channel high speed PWM output.
Wakeup: P0, P1
♦
Two channel Buzzer output. (BZ0/BZ1)
Pull-up resisters: P0, P1, P4, P5
External interrupt: P0
♦
Dual clock system offers four operating modes
P4 pins shared with ADC inputs.
External high clock: RC type up to 10 MHz
External high clock: Crystal type up to 16 MHz
♦
Two 8-bit timer counters. (TC0, TC1).
Internal low clock: RC type 16KHz(3V), 32KHz(5V)
♦
On chip watchdog timer.
Normal mode: Both high and internal low clock active
♦
Eight levels stack buffer.
Slow mode: Internal low clock only
Green mode: Periodical wake-up by timer
Sleep mode: Both high and internal low clock stop
♦
59 powerful instructions
Four clocks per instruction cycle
All of instructions are one word length.
♦
Package (Chip form support)
Most of instructions are one cycle only.
SN8P1702A -- PDIP 18 / SOP 18 / SSOP20
All ROM area lookup table function (MOVC)
SN8P1703A-- PDIP 20 / SOP 20 / SSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com