Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AS Datasheet(PDF) 57 Page - SONiX Technology Company

Part # SN8P1702AS
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AS Datasheet(HTML) 57 Page - SONiX Technology Company

Back Button SN8P1702AS Datasheet HTML 53Page - SONiX Technology Company SN8P1702AS Datasheet HTML 54Page - SONiX Technology Company SN8P1702AS Datasheet HTML 55Page - SONiX Technology Company SN8P1702AS Datasheet HTML 56Page - SONiX Technology Company SN8P1702AS Datasheet HTML 57Page - SONiX Technology Company SN8P1702AS Datasheet HTML 58Page - SONiX Technology Company SN8P1702AS Datasheet HTML 59Page - SONiX Technology Company SN8P1702AS Datasheet HTML 60Page - SONiX Technology Company SN8P1702AS Datasheet HTML 61Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 57
Revision 0.5
TC0C COUNTING REGISTER
TC0C is an 8-bit counter register for the timer counter (TC0). TC0C must be reset whenever the TC0ENB is set “1” to
start the timer counter. TC0C is incremented by one with a clock pulse which the frequency is determined by
TC0RATE0 ~ TC0RATE2. When TC0C has incremented to “0FFH”, it is will be cleared to “00H” in next clock and an
overflow is generated. Under TC0 interrupt service request (TC0IEN) enable condition, the TC0 interrupt request flag
will be set “1” and the system executes the interrupt service routine.
TC0C initial value = xxxx xxxx
0DBH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC0C
TC0C7
TC0C6
TC0C5
TC0C4
TC0C3
TC0C2
TC0C1
TC0C0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TC0 Overflow Time
TC0 rate is determinate by TC0Rate and Code Option TC0_Counter, TC0Rate can set TC0 clock frequency and
TC0_Counter set TC0 became 8-bit, 6-bit, 5-bit or 4-bit counter.
The equation of TC0C initial value is as following.
TC0C initial value = N
- (TC0 interrupt interval time * input clock)
Which N is determinate by code option: TC0_Counter
TC0_Counter
N
Max. TC0C value
8-bit
256
255
6-bit
64
63
5-bit
32
31
4-bit
16
15
Note: TheTC0C must small or equal than Max. TC0 value.
Example: To set 10ms interval time for TC0 interrupt at Fosc = 3.58MHz
TC0C value (74H) = 256 - (10ms * fcpu/64)
(TC0RATE=010, TC0_Counter=8-bit, TC0X8=0)
TC0C initial value = 256 - (TC0 interrupt interval time * input clock)
= 256 - (10ms * 3.58 * 106 / 4 / 64)
= 256 - (0.01 * 3.58 * 106 / 4 / 64)
= 116
= 74H
Example: To set 1.25ms interval time for TC0 interrupt at Fosc = 3.58MHz
TC0C value (74H) = 256 - (10ms * fcpu/64)
(TC0RATE=010, TC0_Counter=8-bit, TC0X8=1)
TC0C initial value = 256 - (TC0 interrupt interval time * input clock)
= 256 - (1.25ms * 3.58 * 106 / 32)
= 256 - (0.00125 * 3.58 * 106 / 32)
= 116
= 74H
Example: To set 1ms interval time for TC0 interrupt at Fosc = 3.58MHz
TC0C value (32H) = 64 - (1ms * fcpu/64)
(TC0RATE=010, TC0_COunter=6-bit, TC0X8=0)
TC0C initial value = 64 - (TC0 interrupt interval time * input clock)
= 64 - (1ms * 3.58 * 106 / 4 / 64)
= 64 - (0.001 * 3.58 * 106 / 4 / 64)
= 64 - 14
= 32H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com