Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AS Datasheet(PDF) 53 Page - SONiX Technology Company

Part # SN8P1702AS
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AS Datasheet(HTML) 53 Page - SONiX Technology Company

Back Button SN8P1702AS Datasheet HTML 49Page - SONiX Technology Company SN8P1702AS Datasheet HTML 50Page - SONiX Technology Company SN8P1702AS Datasheet HTML 51Page - SONiX Technology Company SN8P1702AS Datasheet HTML 52Page - SONiX Technology Company SN8P1702AS Datasheet HTML 53Page - SONiX Technology Company SN8P1702AS Datasheet HTML 54Page - SONiX Technology Company SN8P1702AS Datasheet HTML 55Page - SONiX Technology Company SN8P1702AS Datasheet HTML 56Page - SONiX Technology Company SN8P1702AS Datasheet HTML 57Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 53
Revision 0.5
8
8
8 TIMERS COUNTERS
WATCHDOG TIMER (WDT)
The watchdog timer (WDT) is a binary up counter designed for monitoring program execution. If the program gets in
the unknown status by noise interference, The WDT’s overflow signal will reset this chip and restart operation. The
instruction that clear the watch-dog timer (B0BSET
FWDRST) should be executed at proper points in a program
within a given period. If an instruction that clears the watchdog timer is not executed within the period and the
watchdog timer overflows, reset signal is generated and system is restarted with reset status. In order to generate
different output timings, the user can control watchdog timer by modifying the Wdrate control bits of OSCM register.
The watchdog timer will be disabled at green and power down modes.
OSCM initial value = 0000 000x
0CAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSCM
WTCKS
WDRST
Wdrate
CPUM1
CPUM0
CLKMD
STPHX
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
Bit1
STPHX: External high-speed oscillator control bit.
0 = free run,
1 = stop.
Note: This bit only controls external high-speed oscillator. If STPHX=1, the internal low-speed RC
oscillator is still running.
Bit2
CLKMD: System high/Low speed mode select bit.
0 = normal (dual) mode,
1 = slow mode.
Bit[4:3] CPUM[1:0]: CPU operating mode control bit.
00 = normal,
01 = sleep (power down) mode,
10 = green mode,
11 = reserved.
Bit5
Wdrate: Watchdog timer rate select bit.
0 = Fcpu
÷ 214
1 = Fcpu
÷ 28
Bit6
WDRST: Watchdog timer reset bit.
0 = Non reset,
1 = clear the watchdog timer’s counter.
(The detail information is in watchdog timer chapter.)
Bit7
WTCKS: Watchdog clock source select bit.
0 = Fcpu,
1 = internal RC low clock.
WTCKS
WTRATE
CLKMD
Watchdog Timer Overflow Time
0
0
0
1 / ( Fcpu
÷ 214 ÷ 16 ) = 293 ms, Fosc=3.58MHz
0
1
0
1 / ( Fcpu
÷ 28 ÷ 16 ) = 500 ms, Fosc=32768Hz
0
0
1
1 / ( Fcpu
÷ 214 ÷ 16 ) = 65.5s, Fosc=16KHz@3V
0
1
1
1 / ( Fcpu
÷ 28 ÷ 16 ) = 1s, Fosc=16KHz@3V
1
-
-
1 / ( 16K
÷ 512 ÷ 16 ) ~ 0.5s @3V
Table 8-1. Watchdog timer overflow timetable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com