Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AS Datasheet(PDF) 59 Page - SONiX Technology Company

Part # SN8P1702AS
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AS Datasheet(HTML) 59 Page - SONiX Technology Company

Back Button SN8P1702AS Datasheet HTML 55Page - SONiX Technology Company SN8P1702AS Datasheet HTML 56Page - SONiX Technology Company SN8P1702AS Datasheet HTML 57Page - SONiX Technology Company SN8P1702AS Datasheet HTML 58Page - SONiX Technology Company SN8P1702AS Datasheet HTML 59Page - SONiX Technology Company SN8P1702AS Datasheet HTML 60Page - SONiX Technology Company SN8P1702AS Datasheet HTML 61Page - SONiX Technology Company SN8P1702AS Datasheet HTML 62Page - SONiX Technology Company SN8P1702AS Datasheet HTML 63Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 59
Revision 0.5
TC0_Counter=8-bit, TC0X8=1
High speed mode (Fosc = 3.58MHz)
Low speed mode (Fosc = 32768Hz)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/256
Max overflow interval
One step = max/256
000
Fosc/128
9.153 ms
35.754us
1000 ms
3.91 ms
001
Fosc/64
4.58 ms
17.877us
500 ms
1.95 ms
010
Fosc/32
2.29 ms
8.939us
250 ms
0.977 ms
011
Fosc/16
1.14 ms
4.470us
125 ms
0.488 ms
100
Fosc/8
0.57 ms
2.235us
62.5 ms
0.244 ms
101
Fosc/4
0.29 ms
1.117us
31.25 ms
0.122 ms
110
Fosc/2
0.14 ms
0.587us
15.63 ms
0.061 ms
111
Fosc
71.5 us
0.279us
7.81ms
0.03 ms
TC0_Counter=6-bit , TC0X8=1
High speed mode (Fosc = 3.58MHz)
Low speed mode (Fosc = 32768Hz)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/64
Max overflow interval
One step = max/64
000
Fosc/128
2.29 ms
35.754us
250 ms
3.91 ms
001
Fosc/64
1.14 ms
17.877us
125 ms
1.95 ms
010
Fosc/32
0.57 ms
8.939us
62.5 ms
0.977 ms
011
Fosc/16
0.29 ms
4.470us
31.25 ms
0.488 ms
100
Fosc/8
0.14 ms
2.235us
15.63 ms
0.244 ms
101
Fosc/4
71.5 us
1.117us
7.81ms
0.122 ms
110
Fosc/2
35.75 us
0.587us
3.905 ms
0.061 ms
111
Fosc
17.875 us
0.279us
1.953 ms
0.03 ms
TC0_Counter=5-bit, TC0X8=1
High speed mode (Fosc = 3.58MHz)
Low speed mode (Fosc = 32768Hz)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/32
Max overflow interval
One step = max/32
000
Fosc/128
1.14 ms
35.754us
125 ms
3.91 ms
001
Fosc/64
0.57 ms
17.877us
62.5 ms
1.95 ms
010
Fosc/32
0.29 ms
8.939us
31.25 ms
0.977 ms
011
Fosc/16
0.14 ms
4.470us
15.63 ms
0.488 ms
100
Fosc/8
71.5 us
2.235us
7.81ms
0.244 ms
101
Fosc/4
35.75 us
1.117us
3.905 ms
0.122 ms
110
Fosc/2
17.875 us
0.587us
1.953 ms
0.061 ms
111
Fosc
8.936 us
0.279us
0.976 ms
0.03 ms
TC0_Counter=4-bit, TC0X8=1
High speed mode (Fosc = 3.58MHz)
Low speed mode (Fosc = 32768Hz)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/16
Max overflow interval
One step = max/16
000
Fosc/128
0.57 ms
35.754us
62.5 ms
3.91 ms
001
Fosc/64
0.29 ms
17.877us
31.25 ms
1.95 ms
010
Fosc/32
0.14 ms
8.939us
15.63 ms
0.977 ms
011
Fosc/16
71.5 us
4.470us
7.81ms
0.488 ms
100
Fosc/8
35.75 us
2.235us
3.905 ms
0.244 ms
101
Fosc/4
17.875 us
1.117us
1.953 ms
0.122 ms
110
Fosc/2
8.936 us
0.587us
0.976 ms
0.061 ms
111
Fosc
4.468 us
0.279us
0.488 ms
0.03 ms
Table 8-2. The Timing Table of Timer Counter TC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com