Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7102CVFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # THS7102CVFPR
Description  ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7102CVFPR Datasheet(HTML) 3 Page - Texas Instruments

  THS7102CVFPR Datasheet HTML 1Page - Texas Instruments THS7102CVFPR Datasheet HTML 2Page - Texas Instruments THS7102CVFPR Datasheet HTML 3Page - Texas Instruments THS7102CVFPR Datasheet HTML 4Page - Texas Instruments THS7102CVFPR Datasheet HTML 5Page - Texas Instruments THS7102CVFPR Datasheet HTML 6Page - Texas Instruments THS7102CVFPR Datasheet HTML 7Page - Texas Instruments THS7102CVFPR Datasheet HTML 8Page - Texas Instruments THS7102CVFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THS7102
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
SLOS311B− MAY 2000 − REVISED DECEMBER 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
BPF
LPF
_
+
Tx In
1.5 k
Ω
11.2 k
Ω
1.5 k
Ω
11.2 k
Ω
Tx Out
_
+
Rx P-In
_
+
Rx M-In
Rx Out
Buffer 2
Buffer 1
R
R
VCCL
GND
TXEN1
TXEN2
VCCL
VCCOP1
VCCOP2
TXAS2
TXAS1
TXAF
TXBF
TXBS1
TXBS2
RXPO
RXPI
RXPN
RXMO
RXMI
RXMN
2BUFIN
2BUFOUT
GND
VCCON
VAG
BUFEN
TXINP
TXINN
TXCM
RXOUTP
RXOUTN
RXCM
1BUFIN
1BUFOUT
_
+
X1
_
+
10.2 k
Ω
The THS7102 is designed to implement full-rate ADSL signals over the same line as POTS signals at the central
office (CO). The THS7102 transmit BPF consists of a low-pass filter and a high-pass filter. The low-pass filter
portion of the BPF is comprised of a third order Chebyshev filter with a 0.33-dB passband ripple and a breakpoint
frequency of 1.3 MHz. The high-pass portion of the BPF is a 0.33-dB passband ripple Chebyshev with a
breakpoint frequency at 151.7 kHz. This high-pass section requires that a 680-pF capacitor be used at each
transmit input (TXINP and TXINN) for the appropriate Chebyshev response. Together the LPF and HPF form
a bandpass filter with a passband ripple of about 0.6 dB. The THS7102 receive LPF is comprised of a fourth
order Chebyshev filter with a 0.25-dB passband ripple and a breakpoint frequency of 146 kHz.
NOTE:
The definition of breakpoint frequency is the frequency at which the attenuation leaves the ripple band.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com