Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7102CVFPR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS7102CVFPR
Description  ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7102CVFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7102CVFPR Datasheet HTML 2Page - Texas Instruments THS7102CVFPR Datasheet HTML 3Page - Texas Instruments THS7102CVFPR Datasheet HTML 4Page - Texas Instruments THS7102CVFPR Datasheet HTML 5Page - Texas Instruments THS7102CVFPR Datasheet HTML 6Page - Texas Instruments THS7102CVFPR Datasheet HTML 7Page - Texas Instruments THS7102CVFPR Datasheet HTML 8Page - Texas Instruments THS7102CVFPR Datasheet HTML 9Page - Texas Instruments THS7102CVFPR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
THS7102
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
SLOS311B− MAY 2000 − REVISED DECEMBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmit enable characteristics (TXEN1, TXEN2), VCCL = VCCOPx = 15 V, VCCON = GND,
RS = 1.35 Ω, N = 1, TA = 25°C
BUFEN
TXEN1
TXEN2
FUNCTION
DESCRIPTION
X
0
0
Tx OFF
Device completely powered down
X
0
1
Tx ON − 100% bias
Full power
X
1
1
Tx ON − Medium bias
Medium power
X
1
0
Tx ON − Low bias
Low power
0
X
X
Buffers off
Conserves power when buffers are not required
1
X
X
Buffers enabled
Useful for extra RX filtering
NOTE: The default state shall be a logic one (1).
logic control characteristics, VCCL = VCCOPx = 15 V, VCCON = GND, RS = 1.35 Ω, N = 1, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TXEN1
VTXEN1 = 5 V
−5
0
5
IIH
TXEN2
VTXEN2 = 5 V
−5
0
5
µA
IIH
BUFEN
VBUFEN = 5 V
−5
0
5
µA
TXEN1
VTXEN1 = 0 V
−70
−50
−30
IIL
TXEN2
VTXEN2 = 0 V
−70
−55
−30
µA
IIL
BUFEN
VBUFEN = 0 V
−70
−50
−30
µA
VIH
All logic control pins
≥2.3
V
VIL
All logic control pins
≤0.8
V
miscellaneous characteristics, VCCL = VCCOPx = 15 V, VCCON = GND, RS = 1.35 Ω, N = 1, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage, VAG
7.4
7.5
7.6
V
VO
Output voltage, buffer
VI = 7.5 V
7.0
7.5
8.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com