Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7102CVFPR Datasheet(PDF) 4 Page - Texas Instruments

Part # THS7102CVFPR
Description  ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7102CVFPR Datasheet(HTML) 4 Page - Texas Instruments

  THS7102CVFPR Datasheet HTML 1Page - Texas Instruments THS7102CVFPR Datasheet HTML 2Page - Texas Instruments THS7102CVFPR Datasheet HTML 3Page - Texas Instruments THS7102CVFPR Datasheet HTML 4Page - Texas Instruments THS7102CVFPR Datasheet HTML 5Page - Texas Instruments THS7102CVFPR Datasheet HTML 6Page - Texas Instruments THS7102CVFPR Datasheet HTML 7Page - Texas Instruments THS7102CVFPR Datasheet HTML 8Page - Texas Instruments THS7102CVFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
THS7102
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
SLOS311B− MAY 2000 − REVISED DECEMBER 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BUFEN
1
I
Buffer enable − enables buffers 1 and 2
1BUFOUT
2
O
Buffer 1 output
1BUFIN
3
I
Buffer 1 input
2BUFIN
6
I
Buffer 2 input
2BUFOUT
7
O
Buffer 2 output
GND
26
I
Ground
NC
25
No connect
RXCM
8
O
Receive channel common-mode voltage decoupling node
RXMO
9
O
Negative receiver preamp output
RXMI
10
I
Negative receiver preamp inverting input
RXMN
11
I
Negative receiver preamp noninverting input
RXOUTP
4
O
Receive channel positive output
RXOUTN
5
O
Receive channel negative output
RXPI
14
I
Positive receiver preamp inverting input
RXPN
13
I
Positive receiver preamp noninverting input
RXPO
15
O
Positive receiver preamp output
TXAF
22
O
Driver A output
TXBF
18
O
Driver B output
TXAS1
23
I
Driver A sense point 1
TXAS2
21
I
Driver A sense point 2
TXBS1
17
I
Driver B sense point 1
TXBS2
19
I
Driver B sense point 2
TXCM
30
O
Transmit channel common mode decoupling node
TXEN1
29
I
Transmit enable 1
TXEN2
28
I
Transmit enable 2
TXINN
32
I
Transmit channel negative input
TXINP
31
I
Transmit channel positive input
VAG
12
O
Virtual analog ground − is at VCCL/2
VCCL
27
I
VCC to low level circuitry
VCCON
20
I
Output stage negative supply − tie to ground
VCCOPx
16, 24
I
Output stage positive VCC supply
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage
VCCL, VCCOP1, VCCOP2
7.5
15
16
V
Operating free-air temperature, TA
I−suffix
−40
85
°C
Operating free-air temperature, TA
C−suffix
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com