Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7102CVFPR Datasheet(PDF) 1 Page - Texas Instruments

Part # THS7102CVFPR
Description  ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7102CVFPR Datasheet(HTML) 1 Page - Texas Instruments

  THS7102CVFPR Datasheet HTML 1Page - Texas Instruments THS7102CVFPR Datasheet HTML 2Page - Texas Instruments THS7102CVFPR Datasheet HTML 3Page - Texas Instruments THS7102CVFPR Datasheet HTML 4Page - Texas Instruments THS7102CVFPR Datasheet HTML 5Page - Texas Instruments THS7102CVFPR Datasheet HTML 6Page - Texas Instruments THS7102CVFPR Datasheet HTML 7Page - Texas Instruments THS7102CVFPR Datasheet HTML 8Page - Texas Instruments THS7102CVFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
THS7102
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
SLOS311B− MAY 2000 − REVISED DECEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Full Rate ADSL Central Office Line
Driver/Receiver for POTS Applications
D 15-V Single Supply Operation
D Low 1.1-W Total Power Consumption
− 0.9-W Transmit Drivers
− 0.2-W Receive Channel
D Active Termination Differential Line Drivers
− No Line Matching Resistors Reduces
Output Voltage and Power Consumption
by up to 50%
D Integrated Differential Receivers
D Includes Analog Filters in Both Transmit
and Received Channels
D Multiple Power Saving Modes
− Bias Current Is Adjustable in 20%
Increments to Allow Lower Power Modes
for Short Line Lengths
description
The THS7102 is a low power differential ADSL
(POTS)
central
office
line
interface
driver/receiver. It features active termination
drivers that eliminate the matching resistors
required with traditional ADSL line drivers.
Removal of the matching resistors allows the
THS7102 to output nearly half the output voltage
as compared with traditional drivers, resulting in
power savings of up to 50% . The lower output
voltage levels resulting from the active termination
also allow the THS7102 to operate on a single
15-V supply, easing power supply requirements.
The THS7102 also features integrated differential receivers to reduce the component count on multichannel
ADSL line cards. To reduce valuable PCB space further, the transmit path integrates a band-pass filter while
the receive path integrates a low-pass filter. Four power-saving modes are featured on this device, allowing it
to operate at lower power levels for shorter line lengths.
THS7102 Features
Device
Application
Transmit
Bandpass Filter†
Receiver
Lowpass Filter
THS7102
ADSL (POTS)
152 kHz to 1.3 MHz
146 kHz
† When used in conjunction with the appropriate input capacitor (see the functional block
diagram information)
CAUTION: The THS7102 provides ESD protection circuitry. However, permanent damage can still occur if the device is subjected
to high-energy electrostatic discharge. Proper ESD precautions are recommended to avoid any performance degradation or loss
of functionality.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
VFP PACKAGE
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VCCOP1
TXAS1
TXAF
TXAS2
VCCON
TXBS2
TXBF
TXBS1
BUFEN
1BUFOUT
1BUFIN
RXOUTP
RXOUTN
2BUFIN
2BUFOUT
RXCM
32
26
11 12 13 14 15 16
25
NC − No internal connection
PowerPAD
Preamp
Driver
Preamp
Receiver
BPF
Tx Out+
Tx Out−
Rx In+
Rx In−
LPF
Tx In+
Tx In−
Rx Out+
Rx Out−
simplified block diagram


Similar Part No. - THS7102CVFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7103 TI1-THS7103 Datasheet
150Kb / 9P
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103CVFP TI1-THS7103CVFP Datasheet
150Kb / 9P
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103CVFPR TI1-THS7103CVFPR Datasheet
150Kb / 9P
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103IVFP TI1-THS7103IVFP Datasheet
150Kb / 9P
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103IVFPR TI1-THS7103IVFPR Datasheet
150Kb / 9P
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
More results

Similar Description - THS7102CVFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6032 TI-THS6032 Datasheet
496Kb / 31P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
SCHOTT CORPORATION
31250 SCHOTT-31250 Datasheet
14Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
TRANSFORMER, ADSL, CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31431 SCHOTT-31431 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31530 SCHOTT-31530 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
logo
Texas Instruments
THS7103 TI1-THS7103 Datasheet
150Kb / 9P
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com