Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIBPLS506ACFN Datasheet(PDF) 5 Page - Texas Instruments

Part # TIBPLS506ACFN
Description  13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPLS506ACFN Datasheet(HTML) 5 Page - Texas Instruments

  TIBPLS506ACFN Datasheet HTML 1Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 2Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 3Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 4Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 5Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 6Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 7Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 8Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
tw
ns
Pulse duration
Setup time before CLK
active transition†
Without C-array
TIBPLS506AC
13
× 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 2)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 2)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 2)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 2: These ratings apply except when programming pins during a programming cycle or during diagnostic testing.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage, VCC = 5.25 V
2
5.5
V
VIL
Low-level input voltage, VCC = 4.75 V
0.8
V
IOH
High-level output current
– 3.2
mA
IOL
Low-level output current
16
mA
Clock high
6
Clock low
6
Input or feedback to S/R
↑ inputs
12
tsu
Input or feedback to S/R
↓ inputs‡
20
ns
Input or feedback to S/R inputs
With C-array
25
th
Hold time after CLK
Input or feedback to S/R inputs
0
ns
TA
Operating free-air temperature
0
25
75
°C
† The active edge of CLK is determined by the programmed state of CLK polarity fuse.
‡ See the OR term loading section and Figure 3.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.75 V,
IOH = – 3.2 mA
2.4
3
V
VOL
VCC = 4.75 V,
IOL = 16 mA
0.37
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.25 V,
VO = 0.4 V
–20
µA
II
VCC = 5.25 V,
VI = 5.5 V
0.1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
– 0.25
mA
IO¶
VCC = 5.25 V,
VO = 0.5 V
–30
–130
mA
ICC
VCC = 5.25 V,
See Note 3,
Outputs open
156
210
mA
Ci
f = 1 MHz,
VI = 2 V
7
pF
Co
f = 1 MHz,
VO = 2 V
11
pF
Cclk
f = 1 MHz,
VCLK = 2 V
14
pF
§ All typical values are at VCC = 5 V, TA = 25°C.
¶ This parameter approximates IOS. The condition VO = 0.5 V takes tester noise into account. Not more than one output should be shorted at a
time and duration of the short circuit should not exceed one second.
NOTE 3: When the clock is programmed for negitive edge, then VI = 4.75 V. When the clock is programmed for positive edge, then VI = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com