Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIBPLS506ACFN Datasheet(PDF) 11 Page - Texas Instruments

Part # TIBPLS506ACFN
Description  13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPLS506ACFN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TIBPLS506ACFN Datasheet HTML 7Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 8Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 9Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 10Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 11Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 12Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 13Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 14Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TIBPLS506AC
13
× 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
11
OR term loading
As shown in Figure 3 and by the fmax calculations, fmax is affected by the number of terms connected to each
OR array line. Theoretically, fmax is calculated as:
fmax =
1
tsu ) tpd CLK to Q
Since the setup time (input or feedback to S/R
↓) varies with the number of terms connected to each OR array
line, (due to capacitance loading) fmaxwill also vary. Figure 3 illustrates the relationship between the number of
terms connected per OR line and the setup time.
Use Figure 3 to determine the worst-case setup time for a particular application. Identify the OR array line with
the maximum number of terms connected. Count the number of terms and use the graph to determine the setup
time.
15
14
12
11
10
19
13
020
40
60
17
16
18
Maximum Number of OR Terms Connected
WORST-CASE SETUP TIME
(input or feedback to SR
↓)
vs
”OR” TERM LOAD
20
80
100
VCC = 4.75 V
TA = 75°C
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com