Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIBPLS506ACFN Datasheet(PDF) 8 Page - Texas Instruments

Part # TIBPLS506ACFN
Description  13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPLS506ACFN Datasheet(HTML) 8 Page - Texas Instruments

Back Button TIBPLS506ACFN Datasheet HTML 4Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 5Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 6Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 7Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 8Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 9Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 10Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 11Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TIBPLS506AC
13
× 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
8
glossary — timing model
tpd(1) — Maximum time interval from the time a signal edge is received at any input pin to the time any logically
affected combinational output pin delivers a response.
tpd(2) — Maximum time interval from a positive edge on the clock input pin to data delivery on the output pin
corresponding to any output SR register.
tpd(3) — Maximum time interval from the positive edge on the clock input pin to the response on any logically
affected combinational configured output (at the pin), where data origin is any internal SR register.
tpd(b) — Maximum time interval from the time a signal edge is received at any input pin to the time any logically
affected combinational output pin delivers a response, where data passes through a C-array once
before reaching the affected output.
tpd(c) —
Maximum time interval from the positive edge on the clock input pin to the response on any logically
affected combinational configured output (at the pin), where data origin is any internal SR register
and data passes once through a C-array before reaching an affected output.
tsu(1) —
Minimum time interval that must be allowed between the data edge on any dedicated input and the
active clock edge on the clock input pin when data affects the S or R line of any output SR register.
tsu(2) —
Minimum time interval that must be allowed between the data edge on any dedicated input and the
active clock edge on the clock input pin when data affects the S or R line of any internal SR register.
tsu(a) —
Minimum time interval that must be allowed between the data edge on any dedicated input and the
active clock edge on the clock input pin when data passes once through a C-array before reaching
an affected S or R line on any internal SR register.
tsu(b) —
Minimum time interval that must be allowed between the data edge on any dedicated input and the
active clock edge on the clock input pin when data passes once through a C-array before reaching
an affected S or R line on any output SR register.
tmin(1) — Minimum clock period (or 1/[maximum frequency]) that the device will accommodate when using
feedback from any internal SR register or counter bit to feed the S or R line of any output SR register.
tmin(2) — Minimum clock period (or 1/[maximum frequency]) that the device will accommodate when using
feedback from any internal SR register to feed the S or R line of any internal SR register.
tmin(3) — Minimum clock period (or 1/[maximum frequency]) that the device will accommodate when using
feedback from any internal SR register to feed the S or R line of any internal SR register and data
passes once through a C-array before reaching an affected S or R line on any internal SR register.
tmin(c) — Minimum clock period (or 1/[maximum frequency]) that the device will accommodate when using
feedback from any internal SR register to feed the S or R line of any output SR register and data
passes once through a C-array before reaching an affected S or R line on any output SR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com