Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIBPLS506ACFN Datasheet(PDF) 9 Page - Texas Instruments

Part # TIBPLS506ACFN
Description  13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPLS506ACFN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TIBPLS506ACFN Datasheet HTML 5Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 6Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 7Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 8Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 9Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 10Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 11Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 12Page - Texas Instruments TIBPLS506ACFN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TIBPLS506AC
13
× 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
9
PARAMETER VALUES FOR TIMING MODEL
tpd(1) = 20 ns
tsu(1) = 12 ns†
tmin(1) = 20 ns
tpd(2) = 10 ns
tsu(2) = 12 ns†
tmin(2) = 20 ns
tpd(3) = 25 ns
tsu(a) = 25 ns
tmin(3) = 25 ns
tsu(b) = 25 ns
tmin(c) = 25 ns
INTERNAL NODE NUMBERS
Q0-Q7
RESET 25-32
P0-P15
SET 33-48
C0
65
RESET 49-64
C1
66
† Use tsu = 20 ns for applications where the setup time for S/R
↓ inputs are required.
diagnostics
A diagnostic mode is provided with these devices that allows the user to inspect the contents of the state
registers. The step-by-step procedures required to use the diagnostics follow.
Step 1.
Disable all outputs by taking pin 17 (OE) high (see Note 4).
Step 2.
Take pin 8 (Q0) to VIHH to enable the diagnostics test sequence.
Step 3.
Apply appropriate levels of voltage to pins 11 (Q3), 13 (Q4), and 14 (Q5) to select the desired
state register (see Table 1).
The voltage level monitored on pin 9 will indicate the state of the selected state register.
NOTE 4: If pin 17 is being used as an input to the array, then pin 7 (I5) must be taken to VIHH before pin 17 is taken high.
100 ns
100 ns
100 ns
VIHH†
VIH
VOH
VOL
VOHH
VOHH
VOH
VOL
VOH
VOL
I5
Pin 7
OE
Pin 17
Q0
Pin 8
Q1
Pin 9
Q3, Q4, Q5
Pins 11, 13, 14
VOH
VOL
† VIHH = 10.25 V min, 10.5 V nom, 10.75 V max
Figure 2. Diagnostics Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com