Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU045 Datasheet(PDF) 24 Page - Texas Instruments

Part # SCBU045
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCBU045 Datasheet(HTML) 24 Page - Texas Instruments

Back Button SCBU045 Datasheet HTML 20Page - Texas Instruments SCBU045 Datasheet HTML 21Page - Texas Instruments SCBU045 Datasheet HTML 22Page - Texas Instruments SCBU045 Datasheet HTML 23Page - Texas Instruments SCBU045 Datasheet HTML 24Page - Texas Instruments SCBU045 Datasheet HTML 25Page - Texas Instruments SCBU045 Datasheet HTML 26Page - Texas Instruments SCBU045 Datasheet HTML 27Page - Texas Instruments SCBU045 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
www.ti.com
3.7
Barcode Label
( 1P )
Part Number
( Q )
Quantity of functional Chips
( D )
Datecode; Lot Number
3.8
Storage Conditions
3.9
Antenna Calculation
L
RL
CLpar
Cchip
Rcont
Rchip
Rcont
CHIP
Barcode Label
The following figure shows the barcode label that is placed on the packing box, the wafer container and
the CD with the map file.
Note:
The data provided below is an example and should only be viewed as guide values.
Figure 3-8. Barcode Label
The wafers should be kept in the original packing during storage.
Table 3-3. Storage Conditions
Parameter
Value
Temperature
20
°C ± 5°C
Atmosphere
Dried N2 or dried air with 40%–60% r.h.
Duration
Max. 6 months
Rchip: IC Input Impedance
Cchip:IC Input Capacitance
Rcont: Pad/assembly contact resistance
CLpar: Parasitic capacitance of antenna
RL: Series resistance of antenna
L: Antenna Inductance
Shipping, Packing & Further Handling
24
SCBU045 (11-09-21-065) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com