Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU045 Datasheet(PDF) 10 Page - Texas Instruments

Part # SCBU045
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCBU045 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SCBU045 Datasheet HTML 6Page - Texas Instruments SCBU045 Datasheet HTML 7Page - Texas Instruments SCBU045 Datasheet HTML 8Page - Texas Instruments SCBU045 Datasheet HTML 9Page - Texas Instruments SCBU045 Datasheet HTML 10Page - Texas Instruments SCBU045 Datasheet HTML 11Page - Texas Instruments SCBU045 Datasheet HTML 12Page - Texas Instruments SCBU045 Datasheet HTML 13Page - Texas Instruments SCBU045 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
1.6
Command Set
1.7
Ordering Information and Part Numbers
Command Set
Table 1-1. Command Set for Tag-it HF-I Pro Transponder IC
Request Mode
Non-
Request
Request Code
Inventory
Addressed
AFI
Opt. Flag
Addressed
ISO 15693 Mandatory and Optional
Commands
Inventory
0x01
√
–
–
√
0/–
Stay Quiet
0x02
–
√
–
–
0/–
Read_Single_Block
0x20
–
√
√
–
–/1
Write_Single_Block
0x21
–
√
√
–
–/1
Lock_Block
0x22
–
√
√
–
–/1
TI Custom Commands
Kill
0xA4
–
√
–
–
–/1
WriteSingleBlockPwd
0xA5
–
√
–
–
–/1
Note:
The Option Flag (Bit 7) of the ISO 15693 defined Request Flags must be set to 1 for all Write
and Lock commands to respond properly.
For reliable programming we recommend a programming time
≥ 10 ms before the reader
sends the End Of Frame (EOF) to request the response from the Transponder.
The Tag-it HF-I Pro Transponder IC is available with following finishing options:
Table 1-2. Part Numbers
Bumping
Packing
Part-Number
Inking
Grinding
Sawing
NI/AU
AU
Multi Wafer
Single Wafer
RF-HDT-SJLS-G1
Yes
Yes
Yes
Yes
Yes
RF-HDT-AJLS-G1
Yes
Yes
Yes
Yes
Yes
Note:
Other finishing options on request
10
Introduction
SCBU045 (11-09-21-065) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com