Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU045 Datasheet(PDF) 13 Page - Texas Instruments

Part # SCBU045
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCBU045 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SCBU045 Datasheet HTML 9Page - Texas Instruments SCBU045 Datasheet HTML 10Page - Texas Instruments SCBU045 Datasheet HTML 11Page - Texas Instruments SCBU045 Datasheet HTML 12Page - Texas Instruments SCBU045 Datasheet HTML 13Page - Texas Instruments SCBU045 Datasheet HTML 14Page - Texas Instruments SCBU045 Datasheet HTML 15Page - Texas Instruments SCBU045 Datasheet HTML 16Page - Texas Instruments SCBU045 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
Mechanical Wafer Specification
Table 2-5. Mechanical Wafer Specification After
Grinding, Sawing on FFC
Parameter
Value
Backside Material
Si
Roughness:
Ra
500 Å
Rtm
2500 Å
Product
Thickness
RF-HDT-SJLS-G1
150
μm
± 5 μm
RF-HDT-AJLS-G1
Figure 2-1. Wafer on FFC
SCBU045 (11-09-21-065) – October 2007
Specification
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com