Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU045 Datasheet(PDF) 25 Page - Texas Instruments

Part # SCBU045
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCBU045 Datasheet(HTML) 25 Page - Texas Instruments

Back Button SCBU045 Datasheet HTML 21Page - Texas Instruments SCBU045 Datasheet HTML 22Page - Texas Instruments SCBU045 Datasheet HTML 23Page - Texas Instruments SCBU045 Datasheet HTML 24Page - Texas Instruments SCBU045 Datasheet HTML 25Page - Texas Instruments SCBU045 Datasheet HTML 26Page - Texas Instruments SCBU045 Datasheet HTML 27Page - Texas Instruments SCBU045 Datasheet HTML 28Page - Texas Instruments SCBU045 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
www.ti.com
1
fres
2 *
* L * Cchip
=
p
Qc * Ql
Qres
Qc
Ql
=
+
L
Z
Qres *
Cchip
=
0
7.5
15
22.5
30
37.5
45
52.5
60
0
3125
6250
9375
1.25 .10
4
1.56 .10
4
1.88 .10
4
2.19 .10
4
2.5 .10
4
Znom QL
(
)
Zmin QL
(
)
Zmax QL
(
)
QL
Recommended
operating range
QC=80
Antenna Calculation
Resonance
frequency:
Total quality factor:
Input impedance:
Based on an IC capacitance of 23.5 pF, the impedance shall be matched to be in the specified impedance
range of 6.5 to 15.5 k
Ω to fit the IC capabilities.
Note:
If Z > 15.5 k
Ω, reduced performance of read range must be considered.
Table 3-4. Antenna System Parameters
Tolerance
Parameter
Min
Nom
Max
Test conditions
Comment
[%]
Cchip [pf]
21.15
23.5
25.85
10
13.56 MHz @ 2 Vrms
Qchip
80
100
120
20
L [
μH]
5.74
5.86
5.98
2
13.56 MHz @ 2 Vrms
QL
15
40
44
10
fres [MHz]
12.8
13.56
14.44
Qres
12.63
28.57
32.2
Z [k
Ω]
6.58
14.27
15.48
Figure 3-9. Recommended Operating Range – Impedance vs Antenna Q
SCBU045 (11-09-21-065) – October 2007
Shipping, Packing & Further Handling
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com