Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/04754-03YA Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04754-03YA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04754-03YA Datasheet(HTML) 21 Page - Texas Instruments

Back Button V62/04754-03YA Datasheet HTML 17Page - Texas Instruments V62/04754-03YA Datasheet HTML 18Page - Texas Instruments V62/04754-03YA Datasheet HTML 19Page - Texas Instruments V62/04754-03YA Datasheet HTML 20Page - Texas Instruments V62/04754-03YA Datasheet HTML 21Page - Texas Instruments V62/04754-03YA Datasheet HTML 22Page - Texas Instruments V62/04754-03YA Datasheet HTML 23Page - Texas Instruments V62/04754-03YA Datasheet HTML 24Page - Texas Instruments V62/04754-03YA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions
SIGNAL
PIN NO.
TYPE†
IPD/
‡
DESCRIPTION
SIGNAL
NAME
GFN
GDP
TYPE†
IPD/
IPU‡
DESCRIPTION
CLOCK/PLL
CLKIN
A3
A3
I
IPU
Clock Input
CLKOUT1
D7
—
O
IPD
Clock output at device speed [C6712 only]
The CLK1EN bit in the EMIF GBLCTL register controls the CLKOUT1 pin.
CLK1EN = 0:
CLKOUT1 is disabled
CLK1EN = 1:
CLKOUT1 enabled to clock [default]
CLKOUT2
Y12
Y12
O/Z
IPD
Clock output at half of device speed [C6712 only]
For the C6712C/12D device, the CLKOUT2 pin is multiplexed with the GP[2] pin.
Clock output at half of device speed (O/Z) [default] (SYSCLK2 internal signal from the
clock generator) or this pin can be programmed as GP[2] (I/O/Z).
When the CLKOUT2 pin is enabled, the CLK2EN bit in the EMIF global control
register (GBLCTL) controls the CLKOUT2 pin (All devices).
CLK2EN = 0:
CLKOUT2 is disabled
CLK2EN = 1:
CLKOUT2 enabled to clock [default]
CLKOUT3
—
D10
O
IPD
Clock output programmable by OSCDIV1 register in the PLL controller. [12C/12D]
CLKMODE0
C4
C4
I
IPU
Clock mode select [C6712]
0
−
Bypass mode (x1). CPU clock = CLKIN
1
−
PLL mode (x4). CPU clock = 4 x CLKIN [default]
Clock generator input clock source select [C6712C/12D]
0
−
Reserved. Do not use.
1
−
CLKIN square wave [default]
For proper C6712C/12D device operation, this pin must be either left unconnected or
externally pulled up with a 1-k
Ω resistor.
PLLV§
A4
—
A¶
PLL analog VCC connection for the low-pass filter [C6712 only]
PLLG§
C6
—
A¶
PLL analog GND connection for the low-pass filter [C6712 only]
PLLF
B5
—
A¶
PLL low-pass filter connection to external components and a bypass capacitor
[C6712 only]
PLLHV
—
C5
A¶
Analog power (3.3 V) for PLL [C6712C/C6712D only]
JTAG EMULATION
TMS
B7
B7
I
IPU
JTAG test-port mode select
TDO
A8
A8
O/Z
IPU
JTAG test-port data out
TDI
A7
A7
I
IPU
JTAG test-port data in
TCK
A6
A6
I
IPU
JTAG test-port clock
TRST
B6
B6
I
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE 1149.1
JTAG Compatibility Statement section of this data sheet.
EMU5
B12
B12
I/O/Z
IPU
Emulation pin 5. Reserved for future use, leave unconnected.
EMU4
C11
C11
I/O/Z
IPU
Emulation pin 4. Reserved for future use, leave unconnected.
EMU3
B10
B10
I/O/Z
IPU
Emulation pin 3. Reserved for future use, leave unconnected.
EMU2
D10
D3
I/O/Z
IPU
Emulation pin 2. Reserved for future use, leave unconnected.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ For C6712, IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal
to the opposite supply rail, a 1-k
Ω resistor should be used.)
For C6712C/12D, IPD = Internal pulldown, IPU = Internal pullup. [These IPD/IPU signal pins feature a 13-k
Ω resistor (approximate) for the IPD
or 18-k
Ω resistor (approximate) for the IPU. An external pullup or pulldown resistor no greater than 4.4 kΩ and 2.0 kΩ, respectively, should be
used to pull a signal to the opposite supply rail.]
§ PLLV and PLLG are not part of external voltage supply or ground. See the clock/PLL section for information on how to connect these pins.
¶ A = Analog signal (PLL Filter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com