Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/04754-03YA Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04754-03YA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04754-03YA Datasheet(HTML) 89 Page - Texas Instruments

Back Button V62/04754-03YA Datasheet HTML 85Page - Texas Instruments V62/04754-03YA Datasheet HTML 86Page - Texas Instruments V62/04754-03YA Datasheet HTML 87Page - Texas Instruments V62/04754-03YA Datasheet HTML 88Page - Texas Instruments V62/04754-03YA Datasheet HTML 89Page - Texas Instruments V62/04754-03YA Datasheet HTML 90Page - Texas Instruments V62/04754-03YA Datasheet HTML 91Page - Texas Instruments V62/04754-03YA Datasheet HTML 92Page - Texas Instruments V62/04754-03YA Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
89
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
EXTERNAL INTERRUPT TIMING
timing requirements for external interrupts† (see Figure 43)
NO.
−100
−167
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tw(ILOW)
Width of the NMI interrupt pulse low
2P
2P
ns
1
tw(ILOW)
Width of the EXT_INT interrupt pulse low
2P
4P
ns
2
tw(IHIGH)
Width of the NMI interrupt pulse high
2P
2P
ns
2
tw(IHIGH)
Width of the EXT_INT interrupt pulse high
2P
4P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 100 MHz, use P = 10 ns.
2
1
EXT_INT, NMI
Figure 43. External/NMI Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com