Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/04754-03YA Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04754-03YA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04754-03YA Datasheet(HTML) 39 Page - Texas Instruments

Back Button V62/04754-03YA Datasheet HTML 35Page - Texas Instruments V62/04754-03YA Datasheet HTML 36Page - Texas Instruments V62/04754-03YA Datasheet HTML 37Page - Texas Instruments V62/04754-03YA Datasheet HTML 38Page - Texas Instruments V62/04754-03YA Datasheet HTML 39Page - Texas Instruments V62/04754-03YA Datasheet HTML 40Page - Texas Instruments V62/04754-03YA Datasheet HTML 41Page - Texas Instruments V62/04754-03YA Datasheet HTML 42Page - Texas Instruments V62/04754-03YA Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
cache configuration (CCFG) register description (12D)
The C6712D device includes an enhancement to the
cache configuration (CCFG) register. A “P” bit
(CCFG.31) allows the programmer to select the priority of accesses to L2 memory originating from the transfer
crossbar (TC) over accesses originating from the L1D memory system. An important class of TC accesses is
EDMA transfers, which move data to or from the L2 memory. While the EDMA normally has no issue accessing
L2 memory due to the high hit rates on the L1D memory system, there are pathological cases where certain
CPU behavior could block the EDMA from accessing the L2 memory for long enough to cause a missed deadline
when transferring data to a peripheral such as the McASP or McBSP. This can be avoided by setting the P bit
to “1” because the EDMA will assume a higher priority than the L1D memory system when accessing L2
memory.
For more detailed information on the P-bit function and for silicon advisories concerning EDMA L2 memory
accesses blocked, see the TMS320C6712, TMS320C6712C, TMS320C6712D Digital Signal Processors
Silicon Errata (literature number SPRZ182C or later).
31
30
10
9
8
7
32
0
P†
Reserved
IP
ID
Reserved
L2MODE
R/W-0
R-x
W-0
W-0
R-0 0000
R/W-000
Legend: R = Readable; R/W = Readable/Writeable; -n = value after reset; -x = undefined value after reset
† Unlike the C6712/12C devices, the C6712D device includes a P bit.
Figure 7.
Cache Configuration Register (CCFG)
Table 19. CCFG Register Bit Field Description
BIT #
NAME
DESCRIPTION
31
P
L1D requestor priority to L2 bit.
P = 0: L1D requests to L2 higher priority than TC requests
P = 1: TC requests to L2 higher priority than L1D requests
30:10
Reserved
Reserved. Read-only, writes have no effect.
9
IP
Invalidate L1P bit.
0
= Normal L1P operation
1
= All L1P lines are invalidated
8
ID
Invalidate L1D bit.
0
= Normal L1D operation
1
= All L1D lines are invalidated
7:3
Reserved
Reserved. Read-only, writes have no effect.
2:0
L2MODE
L2 operation mode bits (L2MODE).
000b = L2 Cache disabled (All SRAM mode) [64K SRAM]
001b = 1-way Cache (16K L2 Cache) / [48K SRAM]
010b = 2-way Cache (32K L2 Cache) / [32K SRAM]
011b = 3-way Cache (48K L2 Cache) / [16K SRAM]
111b = 4-way Cache (64K L2 Cache) / [no SRAM]
All others Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com